Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 28Page - Cirrus Logic CS7622 Datasheet HTML 29Page - Cirrus Logic CS7622 Datasheet HTML 30Page - Cirrus Logic CS7622 Datasheet HTML 31Page - Cirrus Logic CS7622 Datasheet HTML 32Page - Cirrus Logic CS7622 Datasheet HTML 33Page - Cirrus Logic CS7622 Datasheet HTML 34Page - Cirrus Logic CS7622 Datasheet HTML 35Page - Cirrus Logic CS7622 Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
CS7622
32
DS322PP1
5.0 PIN DESCRIPTIONS
Supply
VDDA - Supply for analog
Pin 13
3.3 V analog supply.
VDDD - Supply for digital
Pin 28
3.3 V or 2.7 V digital supply.
Ground
GNDA - Ground for analog
Pin 12
GNDA is supplied by VDDA.
GNDD - Ground for digital
Pin 27
Supplied by VDDD.
CMOS Input
CLAMP - Black level clamp signal
Pin 18
Provided by the external timing generator. Supplied by VDDD.
CK_FT - Clock in feed-through
Pin 19
Sampling clock for feed-through level.
CK_DATA - Clock in data
Pin 20
Sampling clock for data level. Supplied by VDDD
REF_CAPN - Reference capacitor- negative terminal
Pin 14
Supplied by VDDA. A 1 µF ceramic capacitor should be connected between
REF_CAPN and REF_CAPP.
DOUT3
DOUT2
DOUT1
DOUT0
CLKO
CK_DATA
CK_FT
RST
DIAG
REF_CAPP
REF_CAPN
VDDA
17
19
21
23
7
5
3
1
DOUT4
DOUT5
DOUT6
DOUT7
TEST
SEN
VDDD
SCLK
SDATI
SDATO
DOUT12
CLAMP
GNDD
DOUT8
DOUT9
DOUT10
DOUT11
BG_RES
AIN
GNDA
911
13
15
31
29
27
25
8
6
4
2
10
12
14
16
18
20
22
24
32
30
28
26
CS7622
32-pin TQFP
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com