Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 4 Page - Cirrus Logic

  CS7622 Datasheet HTML 1Page - Cirrus Logic CS7622 Datasheet HTML 2Page - Cirrus Logic CS7622 Datasheet HTML 3Page - Cirrus Logic CS7622 Datasheet HTML 4Page - Cirrus Logic CS7622 Datasheet HTML 5Page - Cirrus Logic CS7622 Datasheet HTML 6Page - Cirrus Logic CS7622 Datasheet HTML 7Page - Cirrus Logic CS7622 Datasheet HTML 8Page - Cirrus Logic CS7622 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CS7622
4
DS322PP1
1.0 CHARACTERISTICS/SPECIFICATIONS
DIGITAL CHARACTERISTICS (T
A = 25 °C; VDDD = 3.3 V)
POWER CONSUMPTION (T
A = 25 ° C; VDDA = VDDD = 3.3 V; Output Load = 30 pF; Input Clock = 15MHz)
RECOMMENDED OPERATING CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Min
Typ
Max
Units
Logic Inputs
High-Level Input Voltage
VIH
VDD-0.8
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
Input Leakage Current
IIN
--
10
mA
Logic Outputs
High-Level Output Source Current @ IOH = 4 mA
VOH
VDD-0.4
-
mV
Low-Level Output Sink Current @ IOL = 4 mA
VOL
--
0.4
mV
3-State Leakage Current
IOZ
--
10
µA
Parameter
Symbol
Min
Typ
Max
Units
Power Dissipation
Peak Mode
Preview Mode
Stand By Down
PD
PDLR
PDPD
-
-
-
214
162
0.0825
-
-
-
mW
mW
mW
Analog Power Supply Current
Peak Mode
Preview Mode
Stand By Down
IAN
IALR
IAPD
-
-
-
53
37
0.025
-
-
-
mA
mA
mA
Digital Power Supply Current
Peak/Preview Mode
Preview Mode
IDN
IDPD
-
-
12
0
-
-
mA
mA
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
VDDA
VDDD
3.0
2.5
3.3
3.6
3.6
V
V
GNDA to GNDD Voltage Differential
10
mV
Analog Full Scale Input Voltage Range
AIN
300 mV
-
1 V
Vp-p
Input Clock Rate
-
20 MHz
-
MHz
Parameter
Symbol
Min
Max
Units
Power Supply Voltage
VDDA, VDDD
-0.3
6.0
V
Digital Input Voltage
GNDD-0.3
VDDD+0.3
V
Analog Input Voltage
AIN
GNDA-0.3
VDDA+0.3
V
Input Current
(except supply pins)
10
mA
Ambient Temperature Range
-0
+70
°C
Lead Solder Temperature (10sec duration)
+260
°C
Storage Temperature Range
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com