Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 1 Page - Cirrus Logic

  CS7622 Datasheet HTML 1Page - Cirrus Logic CS7622 Datasheet HTML 2Page - Cirrus Logic CS7622 Datasheet HTML 3Page - Cirrus Logic CS7622 Datasheet HTML 4Page - Cirrus Logic CS7622 Datasheet HTML 5Page - Cirrus Logic CS7622 Datasheet HTML 6Page - Cirrus Logic CS7622 Datasheet HTML 7Page - Cirrus Logic CS7622 Datasheet HTML 8Page - Cirrus Logic CS7622 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS7622
CCD Imager Analog Processor
Features
l 13-Bit A/D Conversion Using DRX™
Technology
l Backlight Compensation
l Supports Full Scale Analog Input Voltage
Ranges from 300 mV to 1 V in 100 mV
Increments
l High Resolution Output Mode
l Low Resolution (Preview) Output Mode for
LCD Driver
l Integrated Correlated Double Sampler
l Digital Black Level Clamp
l Digital Outputs Selectable for 13, 12, or 10 Bits
l Low Power Consumption
l Power Down Mode
l High Speed Serial Interface
l Supports a Large Variety of Clock Input
Frequencies
l Low power mode option
Description
The CS7622 is a low-power analog front-end processor
for interline or frame transfer CCD imagers. Main appli-
cations include digital still image cameras and video
cameras.
The architecture includes a correlated double sampler,
black level clamp and a 13-bit A/D conversion module
using patented DRX technology.
Chip parameters can be programmed using a high
speed 4-wire asynchronous digital interface.
The chip outputs digitized CCD data in either 13-bit, 12-
bit or 10-bit format. 10-bit outputs are generated from the
13-bit A/D output by a programmable companding curve.
ORDERING INFORMATION
CS7622-IQ -40 to +85 °C 32-pin TQFP 7x7x1.4m
CCD OUTPUT
CDS/DRX
DATA OUT
OUTPUT
REGISTER
SERIAL
BLOCK
COMPANDER
A/D
CONVERTER
BLACK
LEVEL
CLOCK OUT
CLOCK
INTERFACE
SERIAL BUS
CK_FT
CLOCK
GAIN
GENERATOR
CK_DATA
JUL ‘99
DS322PP1


Similar Part No. - CS7622

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7620 CIRRUS-CS7620 Datasheet
1Mb / 70P
CCD IMAGER ANALOG PROCESSOR
CS7620-IQ CIRRUS-CS7620-IQ Datasheet
1Mb / 70P
CCD IMAGER ANALOG PROCESSOR
More results

Similar Description - CS7622

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0502 STMICROELECTRONICS-STV0502 Datasheet
158Kb / 15P
CCD SENSORS ANALOG PROCESSOR IC
Oct-1998
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
14-Bit CCD/CIS Analog Signal Processor
July 12, 2000
logo
Asahi Kasei Microsystem...
AK8430 AKM-AK8430 Datasheet
269Kb / 25P
6CH CCD SENSOR ANALOG PROCESSOR
logo
Cirrus Logic
CS7615 CIRRUS-CS7615 Datasheet
621Kb / 36P
CCD IMAGER ANALOG PROCESSOR
logo
List of Unclassifed Man...
RA0512J ETC1-RA0512J Datasheet
449Kb / 7P
Full Frame CCD Imager
logo
Cirrus Logic
CS7620 CIRRUS-CS7620 Datasheet
1Mb / 70P
CCD IMAGER ANALOG PROCESSOR
logo
Holtek Semiconductor In...
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
June 7, 2001
HT82V842A HOLTEK-HT82V842A Datasheet
230Kb / 18P
10-Bit 20MSPS CCD Analog Signal Processor
January 2, 2006
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
July 23, 2009
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com