Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 28Page - Cirrus Logic CS7622 Datasheet HTML 29Page - Cirrus Logic CS7622 Datasheet HTML 30Page - Cirrus Logic CS7622 Datasheet HTML 31Page - Cirrus Logic CS7622 Datasheet HTML 32Page - Cirrus Logic CS7622 Datasheet HTML 33Page - Cirrus Logic CS7622 Datasheet HTML 34Page - Cirrus Logic CS7622 Datasheet HTML 35Page - Cirrus Logic CS7622 Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
CS7622
DS322PP1
33
REF_CAPP - Reference capacitor- positive terminal
Pin 15
Supplied by VDDA. A 1 µF ceramic capacitor should be connected between
REF_CAPN and REF_CAPP.
RST - Reset pin, negative true
Pin 17
May be connected to external power-on-reset-circuit. Supplied by VDDD.
SCLK - Serial bus clock signal
Pin 5
Supplied by VDDD.
SDATI - Serial bus data input signal
Pin 7
Supplied by VDDD.
SEN - Serial bus enable signal-chip select (active low)
Pin 8
Supplied by VDDD.
TEST - Test enable pin
Pin 9
Supplied by VDDD.
CMOS Analog Input
AIN - Video data input from CCD
Pin 11
Supplied by VDDA.
BG_RES - Band-gap resistor
Pin 10
Supplied by VDDA. A 10 k
Ω resistor should be connected between BG_RES
and GNDA.
CMOS 4 mA Output
CLKO - Clock = output
Pin 21
Signal on this pin can either be the pixel clock output or data_valid signal out-
put. Supplied by VDDD.
DOUT[0:12] - Digitized CCD data output
Pins 22-32, and 1-4
DOUT0 is LSB. Supplied by VDDD.
SDATO - Serial bus data output signal
Pin 6
Supplied by VDDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com