Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 18Page - Cirrus Logic CS7622 Datasheet HTML 19Page - Cirrus Logic CS7622 Datasheet HTML 20Page - Cirrus Logic CS7622 Datasheet HTML 21Page - Cirrus Logic CS7622 Datasheet HTML 22Page - Cirrus Logic CS7622 Datasheet HTML 23Page - Cirrus Logic CS7622 Datasheet HTML 24Page - Cirrus Logic CS7622 Datasheet HTML 25Page - Cirrus Logic CS7622 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
CS7622
22
DS322PP1
Black Level Control - Loop Gain, Clamp Length
Default = 2Ah; Read/Write (address 0Dh
)
Where:
K = 1/256*blk_gain
n = Black loop clamp length = blk_clp_l[5:0]
fu = update rate
Bit Number
765432
10
Bit Name
blk_gain1
blk_gain0
blk_clp_15
blk_clp_14
blk_clp_13
blk_clp_12
blk_clp_11
blk_clp_10
Default
001010
10
Bit
Mnemonic
Function
7:6
blk_gain1-0
Black Loop Gain Factor: can be set to 1x,2x,4x,or 8x and is simply a multiply-
ing constant to effect the weight of each black pixel before it is accumulated.
00 - defines a gain of 1x
01 - defines a gain of 2x
10 - defines a gain of 4x
11 - defines a gain of 8x
5:0
blk_clp_15-10
Black Loop Clamp Length: The black clamp length effects the loop time con-
stant and also acts to average out noise in the black level. The larger this value
the more pixels that are summed before the loop is updated which causes
greater averaging and a smaller settling time constant.
The table below shows the black loop time constant for various settings of Off-
set Range (register 04h, bit 0) and Fixed Gain Settings (register 14h, bits 5-3).
(See Table 5)
Fixed Gain
(Register 16h)
Offset Range = 1
Offset Range = 0
not fixed
-1/(ln(1-nK))(1/fu)
-1/(ln(1-nK/2))(1/fu)
x1
-1/(ln(1-nK/8))(1/fu)
-1/(ln(1-nK/16))(1/fu)
x2
-1/(ln(1-nK/4))(1/fu)
-1/(ln(1-nK/8))(1/fu)
x4
-1/(ln(1-nK/2))(1/fu)
-1/(ln(1-nK/4))(1/fu)
x8
-1/(ln(1-nK))(1/fu)
-1/(ln(1-nK/2))(1/fu)
Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com