Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 13Page - Cirrus Logic CS7622 Datasheet HTML 14Page - Cirrus Logic CS7622 Datasheet HTML 15Page - Cirrus Logic CS7622 Datasheet HTML 16Page - Cirrus Logic CS7622 Datasheet HTML 17Page - Cirrus Logic CS7622 Datasheet HTML 18Page - Cirrus Logic CS7622 Datasheet HTML 19Page - Cirrus Logic CS7622 Datasheet HTML 20Page - Cirrus Logic CS7622 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
CS7622
DS322PP1
17
4.0 REGISTER DESCRIPTIONS
Register (hex)
Register Function
Access
Default value (hex)
00h
Software Reset
W
00h
01h
Power Down Control 1
R/W
00h
02h - 03h
Reserved
R/W
00h
04h
Operation Control 1
R/W
0Ah
05h
Operation Control 2
R/W
04h
06h-0Ah
Reserved
0Bh
Black Level Control - Accumulator (LSB)
R/W
00h
0Ch
Black Level Control - Accumulator (MSB)
R/W
01h
0Dh
Black Level Control - Loop Gain, Clamp Length
R/W
2Ah
0Eh
Gain Calibration - Offset 1
R/W
00h
0Fh
Gain Calibration - Offset 2
R/W
00h
10h
Gain Calibration - Offset 3
R/W
00h
11h - 13h
Reserved
14h
Gain Calibration - Fixed Gains
R/W
00h
15h
Compander - Black slope, Slopes (MSBs)
R/W
10h
16h
Compander - Slope1 (LSBs)
R/W
B2h
17h
Compande - Slope2 (LSBs)
R/W
60h
18h
Compander - Slope3 (LSBs)
R/W
20h
19h
Compander - Slope4 (LSBs)
R/W
07h
1Ah
Compander - Offset1
R/W
08h
1Bh
Compander - Offsets (MSBs)
R/W
0Bh
1Ch
Compander - Offset2 (LSBs)
R/W
BFh
1Dh
Compander - Offset3 (LSBs)
R/W
05h
1Eh
Compander - Offset4 (LSBs)
R/W
20h
1Fh
Compander - X1 (MSBs)
R/W
03h
20h
Compander - X1 (LSBs)
R/W
20h
21h
Compander - X2 (MSBs)
R/W
05h
22h
Compander - X2 (LSBs)
R/W
18h
23h
Compander - X3 (MSBs)
R/W
0Bh
24h
Compander - X3 (LSBs)
R/W
58h
25h
Device ID
R
CCh
26h
Rev Code
R
00h
Table 3. Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com