Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 26Page - Cirrus Logic CS7622 Datasheet HTML 27Page - Cirrus Logic CS7622 Datasheet HTML 28Page - Cirrus Logic CS7622 Datasheet HTML 29Page - Cirrus Logic CS7622 Datasheet HTML 30Page - Cirrus Logic CS7622 Datasheet HTML 31Page - Cirrus Logic CS7622 Datasheet HTML 32Page - Cirrus Logic CS7622 Datasheet HTML 33Page - Cirrus Logic CS7622 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
CS7622
30
DS322PP1
Compander X1 (MSBs)
Default = 03h; Read/Write (address 1Fh
)
Compander X1 (LSBs)
Default = 20h; Read/Write (address 20h
)
Compander X2 (MSBs)
Default = 05h; Read/Write (address 21h
)
Compander X2 (LSBs)
Default = 18h; Read/Write (address 22h
)
Bit Number
765
4
3210
Bit Name
RESERVED
x112
x111
x110
x19
x18
Default
000
0
0011
Bit
Mnemonic
Function
7:5
-
Reserved
4:0
x112-x18
End value of first segment of companding curve (MSBs). (See Figure 13)
Bit Number
765
4
3210
Bit Name
x17
x16
x15
x14
x13
x12
x11
x10
Default
001
0
0000
Bit
Mnemonic
Function
7:0
x17x10
End value of first segment (x1[12:0]) of companding curve (LSBs). (See
Figure 13)
Bit Number
765
4
3210
Bit Name
RESERVED
x212
x211
x210
x29
x28
Default
000
0
0101
Bit
Mnemonic
Function
7:5
-
Reserved
4:0
x212-x28
End value of second segment of companding curve (MSBs). (See Figure 13)
Bit Number
765
4
3210
Bit Name
x27
x26
x25
x24
x23
x22
x21
x20
Default
000
1
1000
Bit
Mnemonic
Function
7:0
x27-x20
End value of second segment (x2[12:0]) of companding curve (LSBs). (See
Figure 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com