Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 25Page - Cirrus Logic CS7622 Datasheet HTML 26Page - Cirrus Logic CS7622 Datasheet HTML 27Page - Cirrus Logic CS7622 Datasheet HTML 28Page - Cirrus Logic CS7622 Datasheet HTML 29Page - Cirrus Logic CS7622 Datasheet HTML 30Page - Cirrus Logic CS7622 Datasheet HTML 31Page - Cirrus Logic CS7622 Datasheet HTML 32Page - Cirrus Logic CS7622 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
CS7622
DS322PP1
29
Compander Offset 2 (MSBs)
Default = 0Bh; Read/Write (address 1Bh)
Compander Offset 2 (LSBs)
Default = BFh; Read/Write (address 1Ch)
Compander Offset 3 (LSBs)
Default = 05h; Read/Write (address 1Dh)
Compander Offset 4 (LSBs)
Default = 20h; Read/Write (address 1Eh
)
Bit Number
765
4
3210
Bit Name
RESERVED
offset29
offset28
offset39
offset38
offset49
offset48
Default
000
0
1011
Bit
Mnemonic
Function
7:6
-
Reserved
5:4
offset29-28
MSBs of offset of second segment of companding curve. (See Figure 13)
3:2
offset39-38
MSBs of offset of third segment of companding curve. (See Figure 13)
1:0
offset49-48
MSBs of offset of fourth segment of companding curve. (See Figure 13)
Bit Number
765
4
3210
Bit Name
offset27
offset26
offset25
offset24
offset23
offset22
offset21
offset20
Default
101
1
1111
Bit
Mnemonic
Function
7:0
offset27-20
Offset of second segment (offset2[9:0]) of companding curve. (See Figure 13)
Bit Number
765
4
3210
Bit Name
offset37
offset36
offset35
offset34
offset33
offset32
offset31
offset30
Default
000
0
0101
Bit
Mnemonic
Function
7:0
offset37-30
Offset of third segment (offset3[9:0]) of companding curve. (See Figure 13)
Bit Number
765
4
3210
Bit Name
offset47
offset46
offset45
offset44
offset43
offset42
offset41
offset40
Default
001
0
0000
Bit
Mnemonic
Function
7:0
offset47-40
Offset of fourth segment (offset4[9:0]) of companding curve. (See Figure 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com