Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 16Page - Cirrus Logic CS7622 Datasheet HTML 17Page - Cirrus Logic CS7622 Datasheet HTML 18Page - Cirrus Logic CS7622 Datasheet HTML 19Page - Cirrus Logic CS7622 Datasheet HTML 20Page - Cirrus Logic CS7622 Datasheet HTML 21Page - Cirrus Logic CS7622 Datasheet HTML 22Page - Cirrus Logic CS7622 Datasheet HTML 23Page - Cirrus Logic CS7622 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
CS7622
20
DS322PP1
Operation Control 2
Default = 04h; Read/Write (address 05h)
Black Level Control (8 LSBs)
Default = 00h; Read/Write (address 0Bh)
Bit Number
765432
10
Bit Name
RESERVED
fs_lvl2
fs_lvl1
fs_lvl0
gain_cal
Default
000001
00
Bit
Mnemonic
Function
7:4
-
reserved
3:1
fs_lvl2-0
Full Scale Level: This is used to set the full scale input range of the CS7622.
Since CCDs have various saturation levels, it is advantageous to set the full
scale input range of the CS7622 to match the saturation level of the CCD used.
The table below shows the full scale level choices. (See Table 4)
0gain_cal
Gain Calibration: A calibration of the gain stages is required to insure a mono-
tonic digital output. If the user wishes to initiate a calibration, he may do so by
setting this bit to ‘1’, which will invoke a gain calibration sequence immediately.
This bit automatically clears itself after a calibration has been initiated. During
the calibration sequence the output will not contain valid data. The input clocks
must be running throughout the whole calibration sequence which lasts for
~760 clocks.
fs_lvl
Full Scale Voltage
000
0.3 V
001
0.4 V
010
0.5 V
011
0.6 V
100
0.7 V
101
0.8 V
110
0.9 V
111
1.0 V
Table 4.
Bit Number
76
54
321
0
Bit Name
accumulator
7
accumulator
6
accumulator
5
accumulator
4
accumulator
3
accumulator
2
accumulator
1
accumulator
0
Default
00
00
000
0
Bit
Mnemonic
Function
7:0
accumulator7-0
Black Level Accumulator: See the description of register OCh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com