Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 24Page - Cirrus Logic CS7622 Datasheet HTML 25Page - Cirrus Logic CS7622 Datasheet HTML 26Page - Cirrus Logic CS7622 Datasheet HTML 27Page - Cirrus Logic CS7622 Datasheet HTML 28Page - Cirrus Logic CS7622 Datasheet HTML 29Page - Cirrus Logic CS7622 Datasheet HTML 30Page - Cirrus Logic CS7622 Datasheet HTML 31Page - Cirrus Logic CS7622 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
CS7622
28
DS322PP1
Compander Slope 3 (LSBs)
Default = 20h; Read/Write (address 18h
)
Compander Slope 4 (LSBs)
Default = 07h; Read/Write (address 19h)
Compander Offset 1
Default = 08h; Read/Write (address 1Ah)
Bit Number
765
4
3210
Bit Name
slope37
slope36
slope35
slope34
slope33
slope32
slope31
slope30
Default
002
0
0000
Bit
Mnemonic
Function
7:0
slope37-30
Compander - Slope3: Slope of third segment (slope3[8:0]) of companding
curve. Max value is 1.996. The LSB step size is 0.0039. (See Figure 13)
Bit Number
765
4
3210
Bit Name
slope47
slope46
slope45
slope44
slope43
slope42
slope41
slope40
Default
000
0
0111
Bit
Mnemonic
Function
7:0
slope47-40
Compander - Slope4: Slope of fourth segment (slope4[8:0]) of companding
curve. Max value is 1.996. The LSB step size is 0.0039. (See Figure 13)
Bit Number
765
4
3210
Bit Name
offset17
offset16
offset15
offset14
offset13
offset12
offset11
offset10
Default
000
0
1000
Bit
Mnemonic
Function
7:0
offset17-10
Compander - Offset1: Black level value of companding curve if not in linear
mapping mode (comp_linear = 0). (See Figure 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com