Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 15 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 15 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 11Page - Micro Analog systems MAS6503 Datasheet HTML 12Page - Micro Analog systems MAS6503 Datasheet HTML 13Page - Micro Analog systems MAS6503 Datasheet HTML 14Page - Micro Analog systems MAS6503 Datasheet HTML 15Page - Micro Analog systems MAS6503 Datasheet HTML 16Page - Micro Analog systems MAS6503 Datasheet HTML 17Page - Micro Analog systems MAS6503 Datasheet HTML 18Page - Micro Analog systems MAS6503 Datasheet HTML 19Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
DA6503.005
14 December 2016
15 (34)
MEASUREMENT CONTROL REGISTER 1 (E2/62HEX)
Measurement control register 1 (E2/62HEX) is for
configuring the first half of the measurement
settings. The second half of measurement settings
is configured by Measurement control register 2
(E3/63HEX) which is also used for starting a
conversion.
DIV bit selects between normal clock (DIV=0) and
divided by 4 clock (DIV=1). By default DIV=0
selection is used. Note also that the MCLK clock
frequency can be further divided by 2 using the
Test register (E1/61HEX) ENDIV bit. See Electrical
Characteristics page 5 for MCLK options as
function of DIV and ENDIV bits.
ISCR bits select full scale input signal range from
four options. The table 3 input signal range voltage
values correspond to values at supply voltage
VDD=2.7V. At other supply voltage the ISCR values
scale directly with VDD due to ratiometric A/D
converter principle. The linear input signal range is
80% (10%...90%) of the full scale input range. See
also Input Signal Range Definitions in the
Application Information section.
ENOFS bit is for enabling offset voltage to the input
signal conversion range (ENOFS=0 disabled,
ENOFS=1 enabled).
SGNOFS bit is for selecting sign of the input signal
conversion range offset (SGNOFS=0 positive,
SGNOFS=1 negative).
OFS bits select input signal conversion range offset
from four options.
ENREG is for enabling internal voltage regulator
(ENREG=0 disabled, ENREG=1 enabled). When
enabled the regulator
is turned on during
conversions and automatically turned off after each
conversion to save power. However note that if in
the Test register FOSC=1 and if ENREG=1 the
regulator is forced on all the time even when
measurement is not running. In the VDD level
monitoring mode it is necessary to disable the
internal regulator (ENREG=0).
See also Regulator output voltage control register
(EB/6BHEX) for internal voltage regulator output
voltage selections.
Table 3. Measurement control register 1 (E2/62HEX) description
Bit
Number
Bit Name
Description
Value
Function
7
DIV
Clock Divider by 4
0
1
Normal clock
Divided by 4 clock
6-5
ISCR
Input Signal Conversion
Range (full scale)
00
01
10
11
373mV
253mV
172mV
115mV
at VDD=2.7V
4
ENOFS
Offset Enable
0
1
Offset disabled
Offset enabled
3
SGNOFS
Offset Sign
0
1
Positive offset
Negative offset
2-1
OFS
Offset value
00
01
10
11
40mV
57mV
86mV
126mV
at VDD=2.7V
0
ENREG
Regulator Enable
0
1
Voltage regulator disabled
Voltage regulator enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com