Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 16 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 16 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 12Page - Micro Analog systems MAS6503 Datasheet HTML 13Page - Micro Analog systems MAS6503 Datasheet HTML 14Page - Micro Analog systems MAS6503 Datasheet HTML 15Page - Micro Analog systems MAS6503 Datasheet HTML 16Page - Micro Analog systems MAS6503 Datasheet HTML 17Page - Micro Analog systems MAS6503 Datasheet HTML 18Page - Micro Analog systems MAS6503 Datasheet HTML 19Page - Micro Analog systems MAS6503 Datasheet HTML 20Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
DA6503.005
14 December 2016
16 (34)
MEASUREMENT CONTROL REGISTER 2 (E3/63HEX)
Measurement
control
register
2
(E3/63HEX)
configures second half of the measurement settings
and also starts the measurement. See table 4.
OSRS bits select over sampling ratio (OSR) setting
from five options. The OSR selection affects both
measurement resolution and conversion time. The
best resolution is achieved at highest OSR setting
4096 but the conversion time is longest. The fastest
conversion is achieved at lowest OSR setting 256
but the achieved resolution is lowest. Typically
highest OSR setting is used only in the most
precise
measurement
such
as
pressure
measurement. Medium or lowest OSR setting is
typically sufficient in the temperature measurement.
The lowest OSR setting can be used in the least
precision VDD level monitoring measurement.
RSENSOR bits select sensor resistance from eight
options from 2.0kΩ up to 10 kΩ. Selecting proper
RSENSOR according to sensor resistance is
important only for the temperature measurement
mode.
See
also
Temperature
Measurement
Configuration in the Application Information section.
PTS bits select between three measurement
modes; pressure, temperature and VDD level
monitoring modes.
The conversion starts right after writing data byte to
the Measurement control register 2. Thus to start
new conversion the measurement configuration
data has to be written first to Measurement control
register 1 and after that to the Measurement control
register 2. To avoid disturbing the running
measurement
the
serial
communication
with
MAS6503 should be kept idle during conversions.
The EOC pin goes low when the conversion starts
and it returns back high when the conversion is
ready.
Table 4. Measurement control register 2 (E3/63HEX) description
Bit Number
Bit Name
Description
Value
Function
7-5
OSRS
Over Sampling Ratio
(OSR) Selection
000
001
010
011
100
OSR = 256
OSR = 512
OSR = 1024
OSR = 2048
OSR = 4096
4-2
RSENSOR
Sensor Resistance
000
001
010
011
100
101
110
111
2.0kΩ
2.5kΩ
3.0kΩ
3.5kΩ
4.0kΩ
4.5kΩ
5.0kΩ
10.0kΩ
1-0
PTS
Pressure/
Temperature/
VDD Level Monitoring
Mode Selection
00
01
10
11
Temperature mode
VDD level monitoring mode
Pressure mode
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com