Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 17 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 17 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 13Page - Micro Analog systems MAS6503 Datasheet HTML 14Page - Micro Analog systems MAS6503 Datasheet HTML 15Page - Micro Analog systems MAS6503 Datasheet HTML 16Page - Micro Analog systems MAS6503 Datasheet HTML 17Page - Micro Analog systems MAS6503 Datasheet HTML 18Page - Micro Analog systems MAS6503 Datasheet HTML 19Page - Micro Analog systems MAS6503 Datasheet HTML 20Page - Micro Analog systems MAS6503 Datasheet HTML 21Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
DA6503.005
14 December 2016
17 (34)
OSCILLATOR FREQUENCY CONTROL REGISTER (E4/64HEX)
Note that the internal clock oscillator frequency has
been factory trimmed and the trim value has been
stored
in
the
EEPROM
(DF/5FHEX).
It
is
recommended
not
to
change
the
factory
programmed value!
The oscillator frequency control register (E4/64HEX)
is for trimming the internal clock oscillator to 500
kHz frequency. When settings FOSC=1 in the Test
register (E1/61HEX) the 500 kHz clock signal can be
measured at the OSC pin.
The six LSB bits adjust the oscillator signal period
in 65ns steps. The signal period decreases and
frequency increases when the trim value increases.
The six bit register value is considered as a 2’s
complement number. Typically a mid value 00HEX
corresponds to the nominal 500 kHz clock oscillator
frequency.
After finding a suitable trim value it can be stored to
the EEPROM (DF/5FHEX).
Table 5. Oscillator frequency control register (E6/66HEX)
Bit
Number
Bit Name
Description
Value
(bin)
Value
(2’s
complement)
Value
(dec)
Function
7-6
-
Not used
X
X
X
-
5-0
OSCF
Oscillator
frequency
control
011111
011110
…….
000001
000000
111111
111110
…….
100001
100000
31
30
1
0
-1
-2
-31
-32
31
30
1
0
63
62
33
32
Max frequency
Nominal 500 kHz
Min frequency
X = Don’t care
EEPROM DATA INPUT REGISTER (E5/65HEX)
This register can be ignored by user. It is related to
internal EEPROM operations and updated
automatically during every EEPROM write
operation.
EEPROM WRITE ENABLE REGISTER (E6/66HEX)
The EEPROM is normally write protected. To
enable write the EEPROM write enable register
should be set to %00000100 (04HEX). To disable
write the register should be set to %00000000
(00HEX) which is the register default value after
power-on-reset or manual reset by XCLR or by
reset register. Note: don’t use any other EEPROM
write enable register values than these two since
other register bits are reserved for internal testing
purpose only.
Table 6. EEPROM write enable register (E9/69HEX)
Bit Number
Bit Name
Description
Value
Function
7-3
00000
Reserved. Keep these bits
always 0.
2
EWE
EEPROM write enable
0
1
EEPROM write disabled
EEPROM write enabled
1-0
00
Reserved. Keep these bits
always 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com