Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 28 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 28 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 24Page - Micro Analog systems MAS6503 Datasheet HTML 25Page - Micro Analog systems MAS6503 Datasheet HTML 26Page - Micro Analog systems MAS6503 Datasheet HTML 27Page - Micro Analog systems MAS6503 Datasheet HTML 28Page - Micro Analog systems MAS6503 Datasheet HTML 29Page - Micro Analog systems MAS6503 Datasheet HTML 30Page - Micro Analog systems MAS6503 Datasheet HTML 31Page - Micro Analog systems MAS6503 Datasheet HTML 32Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
DA6503.005
14 December 2016
28 (34)
APPLICATION INFORMATION
VDD rise time < 1ms
Figure 11. Typical application circuit configured for I2C bus communication
Figure 11 presents MAS6503 application circuit using I2C bus and when VDD rise time is guaranteed to be
always below internal POR circuit delay of 1ms. In case the VDD rise time can exceed 1ms see the next page
application information.
Together with a resistive pressure sensor, MAS6503 can be used in pressure measurement applications. An
external micro-controller can control the MAS6503 via an I2C or a SPI serial interface. Note that the I2C serial
interface requires suitable pull-up resistors connected to the SDA and SCL pins (see figure 11). If there is only a
single master device connected to the serial bus the master’s SCL output can be of push-pull type making the
SCL pull-up resistor unnecessary.
The sensor is connected between voltage regulator output (VREG) and grounding switch (COMMON) of
MAS6503. The sensor output is read as a differential signal through PI (positive input) and NI (negative input) to
the ΔΣ converter in MAS6503.
When using the internal regulator a 470pF capacitor should be connected between the regulator output VREG
and GND and a decoupling capacitor of minimum 1
F should be used for the supply voltage VDD (see figure
11). If the internal regulator is disabled a supply voltage decoupling capacitor of 4.7
F or more should be
placed between VDD and GND to guarantee conversion accuracy.
GND
R2
R4
R1
R3
ADC
PI
NI
COMMON
VDD
P
T
P
T
P
T
T
GND
VREG
CONTROL
SENSOR
VREFN
VREFP
TEST
I2C/
SPI
OSC
EEPROM
SDA/MOSI
SCL/SCLK
TE3
EOC
XCLR
TE1
TE2
MAS6503
CVREG
470pF
VDD
MISO
XCS
XSPI
VDD
C
VDD
1.0µF
NOTE: It is recommended to use the XCLR reset feature to solve unexpected error state conditions. In case VDD rise time can
exceed 1ms the device has to be kept in a reset during power up by using the XCLR pin. Violating this may risk EEPROM integrity.
If not used the XCLR pin can be left unconnected since it has internal pull up to VDD.
VDD
MCU
I/O
I/O
I/O
I/O
GND
GND
VDD
VDD
OPTIONAL
VDD
RP
4.7k
RP
4.7k
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com