Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 7Page - Micro Analog systems MAS6503 Datasheet HTML 8Page - Micro Analog systems MAS6503 Datasheet HTML 9Page - Micro Analog systems MAS6503 Datasheet HTML 10Page - Micro Analog systems MAS6503 Datasheet HTML 11Page - Micro Analog systems MAS6503 Datasheet HTML 12Page - Micro Analog systems MAS6503 Datasheet HTML 13Page - Micro Analog systems MAS6503 Datasheet HTML 14Page - Micro Analog systems MAS6503 Datasheet HTML 15Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DA6503.005
14 December 2016
11 (34)
REGISTER AND EEPROM DATA ADDRESSES
Table 1. Register and EEPROM data addresses
A7
A6
A5
A4
A3
A2
A1
A0
I2C
BUS
(HEX)
SPI BUS
(HEX)
W=write
R=read
Description
Note
A7
1
0
0
…
1
0
…
1
0
…
1
0
…
0
0
…
1
C0
…
DD
W: 40…5D
R: C0…DD
EEPROM; free for any
data
E
A7
1
0
1
1
1
1
0
DE
W: 5E
R: DE
Programmable I2C
Device Address
E
A7
1
0
1
1
1
1
1
DF
W: 5F
R: DF
EEPROM; Oscillator
frequency trim data
E+T
A7
1
1
0
0
0
0
0
E0
W: 60
R: E0
Reset register; no data,
only addressed for reset
R
A7
1
1
0
0
0
0
1
E1
W: 61
R: E1
Test register
R
A7
1
1
0
0
0
1
0
E2
W: 62
R: E2
Measurement control
register 1
R
A7
1
1
0
0
0
1
1
E3
W: 63
R: E3
Measurement control
register 2
R
A7
1
1
0
0
1
0
0
E4
W: 64
R: E4
Oscillator frequency
control register
R+T
A7
1
1
0
0
1
0
1
E5
W: 65
R: E5
EEPROM data input
register
R
A7
1
1
0
0
1
1
0
E6
W: 66
R: E6
EEPROM write enable
register
R
A7
1
1
0
0
1
1
1
E7
W: 67
R: E7
1st (MSB) byte of the
conversion result
R
A7
1
1
0
1
0
0
0
E8
W: 68
R: E8
2nd (ISB) byte of the
conversion result
R
A7
1
1
0
1
0
0
1
E9
W: 69
R: E9
3rd (LSB) byte of the
conversion result
R
A7
1
1
0
1
0
1
0
EA
W: 6A
R: EA
Status register for
EEPROM
R
A7
1
1
0
1
0
1
1
EB
W: 6B
R: EB
Regulator output voltage
control register
R
E = EEPROM, R= Register, T = Trim data
Note: When using the SPI serial interface the register address bit A7 is also used for selecting write (A7= 0) or read (A7=1) operation. For
the I2C interface address bit A7 = 1.
Note: The programmable I2C device address register (DEHEX) has been factory programmed to value EA HEX (%11101010) which is the
same as the hard wired device address of MAS6503. When unique device address is needed it can be programmed to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com