Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 30 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 30 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 26Page - Micro Analog systems MAS6503 Datasheet HTML 27Page - Micro Analog systems MAS6503 Datasheet HTML 28Page - Micro Analog systems MAS6503 Datasheet HTML 29Page - Micro Analog systems MAS6503 Datasheet HTML 30Page - Micro Analog systems MAS6503 Datasheet HTML 31Page - Micro Analog systems MAS6503 Datasheet HTML 32Page - Micro Analog systems MAS6503 Datasheet HTML 33Page - Micro Analog systems MAS6503 Datasheet HTML 34Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
DA6503.005
14 December 2016
30 (34)
MAS6503CA1 IN QFN-16 4x4x0.75 PACKAGE
Top Marking Information:
MAS6503 = Product Number,
VVV = Version Number
YYWW = Year Week
XXXXX = Lot Number
QFN-16 4x4x0.75 PIN DESCRIPTION
Pin Name
Pin
Type
Function
Notes
XCS
1
DI
Chip select for SPI mode
XSPI
2
DI
Selection between I2C (1) and SPI (0)
MISO
3
DO
Data output pin in SPI mode
VDD
4
P
Power supply
SDA_MOSI
5
DIO
Data in/out in I2C and data in SPI mode
SCL_SCLK
6
DI
Serial bus clock input in both I2C and SPI
XCLR
7
DI
Master reset with pull-up resistance 245kΩ at VDD=2.7V
2
VREG
8
AO
Regulator output voltage
NI
9
AI
Negative input for sensor
COMMON
10
AI
Common input for sensor
PI
11
AI
Positive input for sensor
GND
12
G
Supply ground
OSCOUT
13
DIO
Oscillator output / external clock input
TEST2
14
AIO
2. test input /output
1
TEST1
15
AIO
1. test input /output
1
EOC
16
DO
End of conversion indication output
NC = Not Connected, P = Power, G = Ground, DO = Digital Output, DI = Digital Input, AO = Analog Output, AI = Analog Input
Note 1: Test pins TE1, TE2 and TE3 must be left floating.
Note 2: XCLR pin can be left unconnected when not used. It has internal pull up to VDD.
Note: On PCB the exposed pad is recommended to be connected to GND. It could be also left floating but it cannot be connected to any
other potential than GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com