Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6503 Datasheet HTML 1Page - Micro Analog systems MAS6503 Datasheet HTML 2Page - Micro Analog systems MAS6503 Datasheet HTML 3Page - Micro Analog systems MAS6503 Datasheet HTML 4Page - Micro Analog systems MAS6503 Datasheet HTML 5Page - Micro Analog systems MAS6503 Datasheet HTML 6Page - Micro Analog systems MAS6503 Datasheet HTML 7Page - Micro Analog systems MAS6503 Datasheet HTML 8Page - Micro Analog systems MAS6503 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DA6503.005
14 December 2016
5 (34)
ELECTRICAL CHARACTERISTICS
TA = -40oC to +85oC, VDD = 2.7V, Typ TA = 27oC, Typ VDD = 2.7 V, RSENSOR = 4.5k unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Internal Oscillator
Frequency
OSC
460
500
540
kHz
Internal System
Clock Frequency
MCLK
Normal clock (DIV=0, ENDIV=0)
DIV=0, ENDIV=1
DIV=1, ENDIV=0
DIV=1, ENDIV=1
230
115
57.5
28.7
250
125
62.5
31.25
270
135
67.5
33.8
kHz
Average ADC
Current in Pressure
Measurement
(incl. sensor current)
IAVG_P
1 conversion/s, Reg ON (VREG =1.8V)
Normal clock (DIV=0, ENDIV=0)
TA = 27oC
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
17.8
9.1
4.8
2.6
1.5
25.2
12.9
6.7
3.7
2.1
µA
Average ADC
Current in
Temperature
Measurement
(incl. sensor current
IAVG_T
1 conversion/s, Reg ON (VREG =1.8V)
Normal clock (DIV=0, ENDIV=0)
TA = 27oC
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
11.1
6.8
3.4
1.8
0.9
17.8
10.4
5.3
2.7
1.4
µA
Average ADC
Current in VDD
Level Monitoring
Measurement
IAVG_VDD
1 conversion/s, Reg OFF
Normal clock (DIV=0, ENDIV=0)
TA = 27oC
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
12.7
6.5
3.4
1.9
1.1
20.1
10.3
5.4
2.9
1.7
µA
Conversion Time
tCONV
Normal clock (DIV=0, ENDIV=0)
TA = 27oC
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
16.77
8.58
4.48
2.43
1.41
18.23
9.32
4.87
2.64
1.53
ms
VDD Rise Time for
Proper Power On
Reset (POR)
tVDD_RISE
Note 1.
1
ms
Note 1. It is also recommended to reset the device manually either by XCLR pin or using reset register after every power up (VDD rise). In
case the VDD rise time is longer than specified here the device has to be kept in a reset during power up by the XCLR pin (XCLR=low).
Violating this may risk EEPROM memory integrity. See APPLICATION INFORMATION for examples of external POR circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com