Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6503 Datasheet HTML 1Page - Micro Analog systems MAS6503 Datasheet HTML 2Page - Micro Analog systems MAS6503 Datasheet HTML 3Page - Micro Analog systems MAS6503 Datasheet HTML 4Page - Micro Analog systems MAS6503 Datasheet HTML 5Page - Micro Analog systems MAS6503 Datasheet HTML 6Page - Micro Analog systems MAS6503 Datasheet HTML 7Page - Micro Analog systems MAS6503 Datasheet HTML 8Page - Micro Analog systems MAS6503 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
DA6503.005
14 December 2016
1 (34)
MAS6503
Piezoresistive Sensor Signal Interface IC
 Optimized for Piezoresistive
Pressure Sensors
 Very Low Power Consumption
 1.8V operation
 VDD Level Monitoring
 Ratiometric 24 Bit  ADC
 SPI or I2C Bus with programmable
I2C address
 EEPROM Calibration Memory
DESCRIPTION
MAS6503 is a 24 bit Analog-to-Digital Converter
(ADC),
which
employs
a
delta-sigma
(ΔΣ)
conversion technique. The resolution for a signal
range of 373 mV is 17.4 bits.
MAS6503 is designed especially to meet
the requirement for low power consumption, thus
making it an ideal choice for battery powered
systems. Overall current consumption values of
18.3 µA (one conversion in a second at maximum
resolution) or less can be achieved. The minimum
supply voltage is as low as 1.8V.
MAS6503 has an on-chip decimator filter
that processes the output of the third order ΔΣ –
modulator, giving a high resolution conversion
result. The ADC also has four selectable input
signal ranges with eight optional offset levels.
A 4-wire SPI or 2-wire I2C bus compatible
serial bus is used for configuring conversion
parameters, starting a conversion and reading out
the A/D conversion result. The I2C address is
programmable to allow several sensors to be
connected to the same bus.
MAS6503 has one input channel suitable
for a piezoresistive pressure sensor. In addition to
pressure
measurement
the
device
can
be
configured for temperature measurement. The VDD
level monitoring feature is also useful especially in
battery operated systems.
The 256-bit EEPROM memory is available
for storing trimming and calibration data on chip. An
application optimized compensation algorithm can
be used
by the
host
system
for
optimal
performance.
FEATURES
APPLICATIONS
Low Standby Current Consumption: 10 nA Typ
Very Low Supply Current: 0.9 µA…18.3 µA Typ
Supply Voltage: 1.8 V…3.6 V
Ratiometric ΔΣ Conversion
Selectable Input Signal Ranges (VDD=2.7V):
373, 253, 172 and 115 mVPP
Selectable Offset Options (VDD=2.7V):
±126, ±86, ±57 and ±40 mV
Selectable Sensor Resistance Values
2, 2.5, 3, 3.5, 4, 4.5, 5 and 10 k
Over Sampling Ratio: 4096, 2048, 1024, 512,
256
Internal System Clock Signal 250 kHz
Conversion Times 1.41 ms…16.77 ms Typ
2-Wire Serial Data Interface (I2C Bus) with
programmable I2C address
256 Bit EEPROM Memory
Calibrated Piezoresistive Pressure Modules
Temperature measurement
Battery Powered Systems
Low Frequency Measurement Applications
Current/Power Consumption Critical Systems
Navigation systems.
Industrial and Process Control Applications in
Noisy Environments


Similar Part No. - MAS6503

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
MAS6501BA1ST206 MAS-MAS6501BA1ST206 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
MAS6501BA1WA300 MAS-MAS6501BA1WA300 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
MAS6502 MAS-MAS6502 Datasheet
291Kb / 20P
Piezoresistive Sensor
MAS6502 MAS-MAS6502 Datasheet
39Kb / 3P
Writing data to the EEPROM
More results

Similar Description - MAS6503

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
logo
Micro Analog systems
MAS6502 MAS-MAS6502 Datasheet
291Kb / 20P
Piezoresistive Sensor
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
Capacitive Sensor Signal Interface IC
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
Piezoresistive Silicon Pressure Sensor
Rev A
logo
Integrated Device Techn...
ZSSC3135 IDT-ZSSC3135 Datasheet
281Kb / 23P
Sensor Signal Conditioner for Piezoresistive Bridge Sensors
logo
TE Connectivity Ltd
MS52XX TEC-MS52XX Datasheet
334Kb / 11P
Piezoresistive silicon micromachined sensor
logo
Micro Analog systems
MAS6512 MAS-MAS6512_16 Datasheet
1Mb / 32P
Capacitive Sensor Signal Interface IC
MAS6510 MAS-MAS6510 Datasheet
800Kb / 32P
Capacitive Sensor Signal Interface IC
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
Piezoresistive Sensor Signal Interface IC
logo
Renesas Technology Corp
ZSSC3135 RENESAS-ZSSC3135 Datasheet
456Kb / 24P
Sensor Signal Conditioner for Piezoresistive Bridge Sensors
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com