Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6503 Datasheet HTML 1Page - Micro Analog systems MAS6503 Datasheet HTML 2Page - Micro Analog systems MAS6503 Datasheet HTML 3Page - Micro Analog systems MAS6503 Datasheet HTML 4Page - Micro Analog systems MAS6503 Datasheet HTML 5Page - Micro Analog systems MAS6503 Datasheet HTML 6Page - Micro Analog systems MAS6503 Datasheet HTML 7Page - Micro Analog systems MAS6503 Datasheet HTML 8Page - Micro Analog systems MAS6503 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
DA6503.005
14 December 2016
2 (34)
BLOCK DIAGRAM
Figure 1. MAS6503 block diagram
FUNCTIONAL DESCRIPTION
MAS6503 has one input channel suitable for a
piezoresistive pressure sensor. There are four input
signal conversion ranges and eight offset values
selectable to meet various sensor signal ranges.
In addition the device can be configured for
temperature measurement. The temperature is
typically needed for temperature compensation and
indication purposes. The device supports eight
different sensor bridge resistance values from
2.0kΩ up to 10kΩ.
MAS6503 also features VDD level monitoring which
is useful especially in battery operated systems.
The VDD level information could be used for battery
energy capacity indication, switching between
different power modes in the system and also for
VDD dependency compensation purposes. In the
VDD level monitoring mode the on-chip regulator
need to be disabled.
The AD-converter is ratiometric offering possibility
to run measurements at varying supply voltage
conditions. However the device has also an
optional voltage regulator with four selectable
output voltage options 1.8V, 2.2V, 2.6V and 2.9V.
The on-chip voltage regulator offers additional
regulation against supply noise and variations. Note
that in the VDD level monitoring mode the on-chip
voltage regulator needs to be disabled.
The AD-converter resolution is selected by the over
sampling
ratio
(OSR)
setting.
Higher
OSR
corresponds to higher resolution but also longer
conversion time.
MAS6503 has an internal clock oscillator making an
external clock unnecessary. To save power the
clock oscillator and the optional voltage regulator
are turned on only when a conversion is running.
The oscillator frequency is factory trimmed to 500
kHz using a 6-bit register. The converter runs from
a system clock which is half of the oscillator
frequency. In a specific test mode an external clock
signal can be also used when connected to the
OSC pin.
Communication with MAS6503 is handled by the
serial interface compatible with either a bi-
directional 2-wire I2C bus or a 4-wire SPI bus. The
XSPI pin is for selecting which bus type is used.
In addition to a fixed I2C device address the
MAS6503 has also a programmable device
address. It has been factory programmed to same
value as the fixed device address of MAS6503.
When unique device address is needed it can be
programmed to EEPROM address (DE/5EHEX)..
Note: The 2-wire I2C bus of MAS6503 supports
only basic I2C bus communication protocol but not
for example 10-bit addressing, arbitration and clock
stretching features of the I2C bus specification.
The 256-bit EEPROM memory is available for
storing trimming and calibration data on chip. Two
of the EEPROM bytes are reserved for dedicated
function. One is for internal clock oscillator trimming
value and the another one for programmable I2C
address value but the remaining 240 bits are free
for storing calibration and other information.
R2
R4
R1
R3
ADC
PI
NI
COMMON
VDD
P
T
P
T
P
T
T
GND
VREG
CONTROL
VREFN
VREFP
TEST
I2C/
SPI
OSC
EEPROM
SDA/MOSI
SCL/SCLK
TE3
EOC
XCLR
TE1
TE2
MAS6503
MISO
XCS
XSPI
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com