Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 3Page - Micro Analog systems MAS6503 Datasheet HTML 4Page - Micro Analog systems MAS6503 Datasheet HTML 5Page - Micro Analog systems MAS6503 Datasheet HTML 6Page - Micro Analog systems MAS6503 Datasheet HTML 7Page - Micro Analog systems MAS6503 Datasheet HTML 8Page - Micro Analog systems MAS6503 Datasheet HTML 9Page - Micro Analog systems MAS6503 Datasheet HTML 10Page - Micro Analog systems MAS6503 Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
DA6503.005
14 December 2016
7 (34)
ELECTRICAL CHARACTERISTICS
TA = -40oC to +85oC, VDD = 2.7V, Typ TA = 27oC, Typ VDD = 2.7 V, RSENSOR = 4.5k unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Signal Range
ISR
VDD=2.7V
373
253
172
115
mV
Linear Input Signal
Range
ISRLIN
VDD=2.7V
10%...90% (80%)
of ISR
298
202
138
92
mV
Input Signal Offset
OFFSET
VDD=2.7V
±126
±86
±57
±40
0
mV
Full Scale Output
Code Range Values
CODEFS
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
0
0
0
0
0
14671872
14663680
14647296
1826816
227328
Linear Range Output
Code Values
(10%...90% of Full
Scale Code Range)
CODELIN
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
1467187
1466368
1464730
182682
22733
13204685
13197312
13182566
1644134
204595
Temperature
Measurement
Resistors
R1
R2
R4
-30%
13900
30600
30600
+30%
R3
RSENSOR = 2 k

RSENSOR = 2.5 k
RSENSOR = 3 k
RSENSOR = 3.5 k

RSENSOR = 4 k

RSENSOR = 4.5 k

RSENSOR = 5 k

RSENSOR = 10 k

-30%
11900
11400
10900
10400
9900
9400
8900
3900
+30%
Temperature
Coefficient of
Temperature
Measurement
Resistors
TCR
-180
ppm/°C
EEPROM size
Note 1.
256
bit
EEPROM data write
time
Note 2.
16
ms
EEPROM data
retention
TA = +85 °C
TA = +125 °C
Note 3
10
24
1
years
Note 1. 16 bits out of 256 bits are reserved for internal oscillator trimming and programmable I2C device address. The remaining 240 bits
can be freely used for storing calibration coefficients and other data.
Note 2. There should be at least a 16ms delay after each EEPROM write since EEPROM programming can take up to 16ms.
Note 3. Data retention values apply when extended EEPROM tests are done. Please contact Micro Analog Systems Oy if the data retention
values here need to be guaranteed by comprehensive EEPROM testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com