Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 18 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 18 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 14Page - Micro Analog systems MAS6503 Datasheet HTML 15Page - Micro Analog systems MAS6503 Datasheet HTML 16Page - Micro Analog systems MAS6503 Datasheet HTML 17Page - Micro Analog systems MAS6503 Datasheet HTML 18Page - Micro Analog systems MAS6503 Datasheet HTML 19Page - Micro Analog systems MAS6503 Datasheet HTML 20Page - Micro Analog systems MAS6503 Datasheet HTML 21Page - Micro Analog systems MAS6503 Datasheet HTML 22Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
DA6503.005
14 December 2016
18 (34)
CONVERSION RESULT REGISTERS (E7…E9HEX)
After measuring external sensor, temperature or
VDD level the 24-bit conversion result is stored into
three
Conversion
result
register
addresses
E7…E9HEX. The MSB (most significant byte) is at
E7HEX, ISB (intermediate significant byte) at E8HEX
and LSB (least significant byte) at E9HEX.
EEPROM STATUS REGISTER (EA/6AHEX)
The EEPROM status register (EA/6AHEX) indicates
if the stored EEPROM byte is corrupted. The
register is updated after each EEPROM data byte
read command. See table 7 below. The ERROR bit
tells if a data error has been detected (ERROR=1).
The DED bit tells if two or more bit errors have
been detected (DED=1). The EEPROM can correct
internally only single bit errors i.e. when ERROR=1
and DED=0. The read EEPROM data byte is
corrupted if ERROR=DED=1. The six lowest bits
have value 0.
Table 7. MAS6503 EEPROM status register (EA/6AHEX). Only bits (7:6) are used.
Bit Number
Bit Name
Description
Value
Function
7
ERROR
EEPROM error
detection
0
1
No errors
Error detected
6
DED
EEPROM double
error detection
0
1
No errors
2 (or more) data errors
5-0
000000
-
REGULATOR OUTPUT VOLTAGE CONTROL REGISTERS (EB/6BHEX)
When enabled the internal voltage regulator output
voltage is defined by the Regulator output voltage
control register (EB/6BHEX). In the register only two
most significant bits are in use. See table 8.
Table 8. Regulator output voltage control register (EB/6BHEX)
Bit Number
Bit Name
Description
Value
Function
7-6
REGEB<7:6>
Regulator output
voltage selectors
00
01
10
11
Regulator output 1.8V
Regulator output 2.2V
Regulator output 2.6V
Regulator output 2.9V
5-0
-
Not used
XXXXXX
-
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com