Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 12 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 12 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 8Page - Micro Analog systems MAS6503 Datasheet HTML 9Page - Micro Analog systems MAS6503 Datasheet HTML 10Page - Micro Analog systems MAS6503 Datasheet HTML 11Page - Micro Analog systems MAS6503 Datasheet HTML 12Page - Micro Analog systems MAS6503 Datasheet HTML 13Page - Micro Analog systems MAS6503 Datasheet HTML 14Page - Micro Analog systems MAS6503 Datasheet HTML 15Page - Micro Analog systems MAS6503 Datasheet HTML 16Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
DA6503.005
14 December 2016
12 (34)
REGISTER AND EEPROM DATA ADDRESSES
MAS6503 includes a 32 bytes (256 bits) EEPROM
data memory and twelve registers. Two bytes (16
bits) of EEPROM are reserved for internal 500 kHz
oscillator frequency trim and programmable I2C
device address data but the remaining 30 bytes
(240 bits) are free for storing sensor calibration and
other data. See table 1 on the previous page for
register and EEPROM data addresses.
In the SPI serial bus the address bit A7 selects
between write (A7=0) and read (A7=1) operation. In
the I2C serial bus A7 is always high (A7=1) and
selection between write and read operation is done
with the LSB bit of the I2C device address. See
table 9 in chapter SERIAL DATA INTERFACE
CONTROL. The MAS6503 has both hard wired and
programmable
I2C
device
addresses.
The
programmable
device
address
is
factory
programmed to value EA HEX (%11101010) which is
the same as the hard wired device address of
MAS6503. When unique device address is needed
it can be programmed to the Programmable I2C
Device
Address
register
(DEHEX/5EHEX).
The
MAS6503 will respond to both hard wired and
programmed I2C device addresses.
MAS6503
has
one
trim
register:
Oscillator
frequency control register (E4/64HEX). This is
marked with “R+T” in table 1. In the EEPROM there
is specific Oscillator frequency trim data address
(DF/5FHEX) reserved for permanent storage of the
trim value. This is marked with “E+T” in table 1. The
internal 500 kHz oscillator frequency trim value is
automatically read from EEPROM in the beginning
of each conversion when this feature is enabled in
the Test register (E1/61HEX). When disabled it is
possible to test different trim data in the trim
registers before trimming value is found and stored
into the EEPROM. Note that Oscillator frequency
trim value has been factory calibrated and stored
into the EEPROM.
Reset register (E0/60HEX) does not contain any
data. Any dummy data written to this register forces
a reset. A reset initializes all control registers
(addresses E1HEX…EBHEX) to a zero value.
Test register (E1/61HEX) is mainly used for testing
and trimming purposes. It defines whether the
internal oscillator frequency trim data is taken from
the EEPROM (default setting) or from the registers.
However if an external clock signal is used the test
register is needed for selecting the external clock
signal. See the Test register description for details.
There are two Measurement control registers, first
(E2/62HEX) and second (E3/63HEX) which are used
for configuring and starting an A/D conversion.
The Oscillator frequency control register (E4/64HEX)
is used only during internal clock oscillator
trimming. During trimming there is searched
register value which gives closest to the nominal
500 kHz oscillator frequency. However the internal
clock oscillator frequency is trimmed by MAS during
wafer level testing and the trimming value is stored
into the Oscillator frequency trim data EEPROM
address (DF/5FHEX). Thus there is no need to adjust
the factory stored clock oscillator trimming value. In
normal operation the trim value is automatically
read from the EEPROM memory in the beginning of
each conversion.
EEPROM write enable register (E6/66HEX) is used
for enabling EEPROM write (EWE bit = 1) since by
default the EEPROM is write protected (EWE bit =
0).
The
24-bit
A/D
conversion
result
(sensor,
temperature or VDD level) is stored into three
registers E8HEX (MSB, most significant byte), E9HEX
(ISB, intermediate significant byte), EAHEX (LSB,
least significant byte).
EEPROM status register (EA/6AHEX) reflects the
EEPROM error correction status. This register can
be used to verify that the EEPROM operation has
finished without errors.
Regulator output voltage control register (EB/6BHEX)
defines regulator output voltage when the internal
regulator is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com