Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 19 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 19 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 15Page - Micro Analog systems MAS6503 Datasheet HTML 16Page - Micro Analog systems MAS6503 Datasheet HTML 17Page - Micro Analog systems MAS6503 Datasheet HTML 18Page - Micro Analog systems MAS6503 Datasheet HTML 19Page - Micro Analog systems MAS6503 Datasheet HTML 20Page - Micro Analog systems MAS6503 Datasheet HTML 21Page - Micro Analog systems MAS6503 Datasheet HTML 22Page - Micro Analog systems MAS6503 Datasheet HTML 23Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
DA6503.005
14 December 2016
19 (34)
EEPROM WRITE PROCEDURE
Figure 3. Flow chart for MAS6503 EEPROM write
Important note: Before EEPROM programming make sure that in the Test register (E1/61HEX) the ENVIV=0 and
in the Measurement control register 1 (E2/62HEX) the DIV=0 are selected. These select 250 kHz system clock
frequency which is required for the proper EEPROM programming pulses. This condition is guaranteed by
making device reset either using the reset register (E0/60HEX) or the XCLR pin.
Note: In the “VERIFY WRITTEN DATA” step it could be also additionally checked that the EEPROM status
register (EA/6AHEX) does not indicate read errors.
START
INITIAL CONDITIONS
Reset device by XCLR or
by writing any data to the reset register E0/60HEX
POWER UP DEVICE
Connect supply voltage VDD
ENABLE EEPROM WRITE
Write 04HEX to the EEPROM write enable register E6/66HEX
WAIT
Wait minimum 16ms after writing byte (8-bit) to EEPROM
STOP
DISABLE EEPROM WRITE
Write 00HEX to the EEPROM write enable register E6/66HEX
WRITE DATA TO EEPROM
Write data byte (8-bit) to selected EEPROM memory address
no
Write more data?
yes
VERIFY WRITTEN DATA
Read the written data byte (8-bit) from the EEPROM memory address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com