Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 25 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 25 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 21Page - Micro Analog systems MAS6503 Datasheet HTML 22Page - Micro Analog systems MAS6503 Datasheet HTML 23Page - Micro Analog systems MAS6503 Datasheet HTML 24Page - Micro Analog systems MAS6503 Datasheet HTML 25Page - Micro Analog systems MAS6503 Datasheet HTML 26Page - Micro Analog systems MAS6503 Datasheet HTML 27Page - Micro Analog systems MAS6503 Datasheet HTML 28Page - Micro Analog systems MAS6503 Datasheet HTML 29Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
DA6503.005
14 December 2016
25 (34)
APPLICATION INFORMATION
Input Signal Range Definitions
The input signal voltage polarity is from positive input PI to the negative input NI. MAS6503 has input signal
range (ISR) and offset (OFFSET) selection options that determines the input signal range of the A/D converter.
The minimum and maximum input signal values in the linear input signal range (ISRLIN) are calculated as
follows. Due to ratiometric principle the input signal range is directly proportional to VDD.
2
7
.
2
_
ISRLIN
OFFSET
V
VDD
V
MIN
IN
Equation 1.
2
7
.
2
_
ISRLIN
OFFSET
V
VDD
V
MAX
IN
Equation 2.
Table 13 shows minimum and maximum input signal values in the linear input signal range at different input
signal range and offset selection combinations.
Table 13. Examples of minimum and maximum input signal values in the linear input signal range (Vdd=2.7V)
OFFSET
ISR
ISRLIN
VIN_MIN
VIN_MAX
[mV]
[mV]
[mV]
[mV]
[mV]
0
373
298
-149
149
126
373
298
-23
275
0
253
202
-101
101
86
253
202
-15
187
0
172
138
-69
69
57
172
138
-12
126
0
115
92
-46
46
40
115
92
-6
86
The digital A/D conversion result, CODE, depends on the input signal as follows.


ISR
OFFSET
V
CODEFS
CODE
IN
5
.
0
Equation 3.
CODE = digital A/D-conversion output code
CODEFS = A/D-converter maximum code (minimum code is zero)
See page 4 Electrical Characteristics for CODEFS values at different over sampling ratio (OSR) selections.
Pressure Measurement Configuration
A piezoresistive absolute pressure sensor can be modeled roughly with the following signal voltage
characteristic when including only first order pressure and temperature characteristics.
REF
OS
FS
REF
FS
REF
IN
T
T
TC
OS
p
p
T
T
TC
FS
VDD
VDD
T
p
V
1
1
,
Equation 4.
VDD = supply voltage
VDDREF = reference supply voltage at which the
sensor parameters (FS, OS) have been specified
(often 5V)
p = pressure [bar]
pFS = full-scale pressure range [bar]
FS = full-scale span [V]
OS = zero pressure offset [V]
TCFS = full-scale span temperature coefficient
[ppm/
C]
TCOS = offset temperature coefficient [ppm/
C]
TREF = reference temperature for resistor values
[
C]
T = actual temperature to be measured [
C]
The above linear approximation includes sensor full-scale span and offset signal temperature dependencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com