| Electronic Components Datasheet Search |
|
MAS6503 Datasheet(PDF) 23 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6503 Datasheet(HTML) 23 Page - Micro Analog systems |
|
23 / 34 page ![]() DA6503.005 14 December 2016 23 (34) 2-WIRE SERIAL DATA INTERFACE (I2C BUS) Conversion Result – Read Sequence Table 11 presents a general control sequence for a single register data (Dx) read from register address (Ax). Table 11. MAS6503 I2C bus single register (address Ax) read sequence bits S AW A Ax A Sr AR A Dx N P Table 12 shows the control sequence for reading the 24-bit A/D conversion result from the Conversion result registers. The ISB (DI) and LSB (DL) register data read can follow right after the MSB register data (DM) read since if the read sequence is continued (not ended by a Stop bit P) since the register address is automatically incremented to point to the next register. Table 12. MAS6503 I2C bus MSB (first), ISB (second) and LSB (third) A/D conversion result read sequence S AW A AM A Sr AR A DM A DI A DL N P 4-WIRE SERIAL DATA INTERFACE (SPI BUS) SPI bus communication is selected by setting XSPI pin low. SPI communication differs from I2C bus in the following way. It requires four wires for bi-directional communication since each line operates in one direction only. Device selection is done by using separate chip select XCS control lines instead of using device address. Each SPI bus device has its own XCS control line and a device is selected by pulling its XCS line low (see figure 5 below). The fourth wire in the SPI bus is the serial clock line, SCLK. Data is transferred at rising edges of the serial clock during which the data line should be stable. The selection between write or read access is done by register address MSB bit A7 (see table 1 “Register and EEPROM data addresses”). In write access bit A7 cleared (0) and in read access it is set (1). Figure 5 illustrates write access communication. MAS6503 has an auto increment function which means that if there are more than one data byte transferred the additional data bytes are delivered to following register addresses. In write communication the MISO line is high impedance. In SPI bus communication it is good to note that setting XCS low activates the EEPROM memory regardless of the XSPI setting and the device consumes 20 A …30A current. To minimize current consumption XCS should be set low only during time periods when the device is used during SPI communication. XCS SCK SDA MISO MSB LSB Register Address Byte MSB LSB Data Byte High Z Figure 5. SPI Protocol – Write Access (register address MSB bit A7=0) SCLK MOSI |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |