Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 4Page - Micro Analog systems MAS6503 Datasheet HTML 5Page - Micro Analog systems MAS6503 Datasheet HTML 6Page - Micro Analog systems MAS6503 Datasheet HTML 7Page - Micro Analog systems MAS6503 Datasheet HTML 8Page - Micro Analog systems MAS6503 Datasheet HTML 9Page - Micro Analog systems MAS6503 Datasheet HTML 10Page - Micro Analog systems MAS6503 Datasheet HTML 11Page - Micro Analog systems MAS6503 Datasheet HTML 12Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
DA6503.005
14 December 2016
8 (34)
Digital inputs
TA = -40oC to +85oC, VDD = 2.7V, Typ TA = 27oC, RP = 4.7kI2C bus pull upunless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input High Voltage
VIH
80%
VDD
100%
VDD
V
Input Low Voltage
VIL
0%
VDD
20%
VDD
V
Serial Bus Clock
Frequency
fSCL
I2C bus
SPI bus
400
2
kHz
MHz
XCLR Reset Pulse
Length
tXCLR
XCLR low pulse
200
ns
Wait time after reset
tRESET_WAIT
Note 1.
20
µs
XCLR Pin Pull Up
Current
IPULL_UP
XCLR=0V
-8
µA
Note 1. This is the necessary wait time after reset to allow MAS6503 reading the programmable I2C device address from the EEPROM
Digital outputs
TA = -40oC to +85oC, VDD = 2.7V, Typ TA = 27oC, RP = 4.7kI2C bus pull upunless otherwise noted
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output high voltage
VOH
ISource=0.6mA
80%
VDD
100%
VDD
V
Output low voltage
VOL
ISink=0.6mA
0%
VDD
20%
VDD
V
Signal rise time
(from 10% to 90%)
tr
EOC pin, CL=50pF
SDA pin, CB=50pF
14
550
ns
Signal fall time
(from 90% to 10%)
tf
EOC pin, CL=50pF
SDA pin, CB=50pF
11
11
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com