Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6503 Datasheet HTML 1Page - Micro Analog systems MAS6503 Datasheet HTML 2Page - Micro Analog systems MAS6503 Datasheet HTML 3Page - Micro Analog systems MAS6503 Datasheet HTML 4Page - Micro Analog systems MAS6503 Datasheet HTML 5Page - Micro Analog systems MAS6503 Datasheet HTML 6Page - Micro Analog systems MAS6503 Datasheet HTML 7Page - Micro Analog systems MAS6503 Datasheet HTML 8Page - Micro Analog systems MAS6503 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
DA6503.005
14 December 2016
4 (34)
ABSOLUTE MAXIMUM RATINGS
All Voltages with Respect to Ground
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
5.0
V
Voltage Range for All Pins
-0.3
VIN + 0.3
V
Latchup Current Limit
ILUT
For all pins, test according to
JESD78A.
-100
+100
mA
Junction Temperature
TJmax
+ 150
°C
Storage Temperature
TS
Note 1
- 55
+125
°C
Note 1: See EEPROM memory data retention at hot temperature. Storage or bake at hot temperatures will reduce the wafer level trimming
and calibration data retention time.
Note: The absolute maximum rating values are stress ratings only. Functional operation of the device at conditions between maximum
operating conditions and absolute maximum ratings is not implied and EEPROM contents may be corrupted. Exposure to these conditions
for extended periods may affect device reliability (e.g. hot carrier degradation, oxide breakdown). Applying conditions above absolute
maximum ratings may be destructive to the devices.
Note: This is a CMOS device and therefore it should be handled carefully to avoid any damage by static voltages (ESD).
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
Without internal regulator
With internal regulator
1.8
VREG+0.1V
2.7
3.6
3.6
V
Operating Temperature
TA
-40
+25
+85
°C
EEPROM Write
Temperature
TA
Note 1
+10
+25
+40
°C
Note 1: EEPROM write operation is recommended to be done at room temperature
ELECTRICAL CHARACTERISTICS
TA = -40oC to +85oC, VDD = 2.7V, Typ TA = 27oC, Typ VDD = 2.7 V, RSENSOR = 4.5k unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Regulator Output
Voltage
VREG
VDD=VREG+0.1V
VREG=1.8V
VREG =2.2V
VREG =2.6V
VREG =2.9V
-3.5%
-3.5%
-3.5%
-3.5%
1.8
2.2
2.6
2.9
+3.5%
+3.5%
+3.5%
+3.5%
V
Standby current
ISTBY
All inputs at VDD, no load.
Note 1.
0.01
0.1
A
Conversion
Current
Consumption
IDD_CONV
Pressure mode, Reg ON (VREG =1.8V)
Temperature mode, Reg ON (VREG =1.8V)
Pressure mode, Reg OFF
Temperature mode, Reg OFF
VDD monitor mode, Reg OFF
760
600
710
560
760
1200
1000
1100
900
1200
µA
Peak Supply
Current During
Pressure
Measurement
IPEAK_P
VDD = 2.7 V, RSENSOR = 4.5 kΩ
1.39
mA
Peak Supply
Current During
Temperature
Measurement
IPEAK_T
VDD = 2.7 V, RSENSOR = 4.5 kΩ
0.75
mA
Note 1. Leakage current may increase if digital input voltages are not close to VDD (logic level high) or GND (logic level low). Also setting
XCS low activates the EEPROM memory regardless of the XSPI setting and the device consumes 20
A …30A current. To minimize
current consumption XCS should be set low only during time periods when the device is used during SPI communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com