Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 2Page - Micro Analog systems MAS6503 Datasheet HTML 3Page - Micro Analog systems MAS6503 Datasheet HTML 4Page - Micro Analog systems MAS6503 Datasheet HTML 5Page - Micro Analog systems MAS6503 Datasheet HTML 6Page - Micro Analog systems MAS6503 Datasheet HTML 7Page - Micro Analog systems MAS6503 Datasheet HTML 8Page - Micro Analog systems MAS6503 Datasheet HTML 9Page - Micro Analog systems MAS6503 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
DA6503.005
14 December 2016
6 (34)
ELECTRICAL CHARACTERISTICS
TA = -40oC to +85oC, VDD = 2.7V, Typ TA = 27oC, Typ VDD = 2.7 V, RSENSOR = 4.5k unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Resolution
VN
Pressure mode,
ISR=373mV, VIN=0V
Reg OFF
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
Note 1.
2.25 (17.4)
3.02 (16.9)
4.28 (16.4)
5.63 (16.0)
9.16 (15.3)
µVRMS (bit)
Linearity
INLBIT
ISRLIN = 298 mV
Reg OFF
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
Note 2.
15.1
15.1
14.9
14.7
14.3
Bit
VDD Sensitivity in
Pressure Mode
VDDSENSP
Pressure mode,
VREG =1.8V
VDD step 1.9V
 3.6V
OSR=4096
Note 3.
0.00017
%FS/V
VDD Sensitivity in
Temperature
Mode
VDDSENST
Temperature mode,
VREG =1.8V
VDD step 1.9V
 3.6V
OSR=4096
Note 3.
0.077
%FS/V
Note 1. Resolution in bits is calculated as follows: VN_BIT=log(ISR / VN)/log(2) when VN is the RMS noise voltage.
Note 2. Linearity in bits is calculated as follows: INLBIT=log(CODELIN / INL)/log(2) when integral nonlinearity (INL) is calculated from best fit
line to linear input signal range containing 21 pcs analysis points.
Note 3. VDD sensitivity in %FS/V calculated as follows: VDDSENS =100%*((CODE @ VDDMAX) – (CODE @ VDDMIN))/CODEFS/(VDDMAX -
VDDMIN) where VDDMAX=3.6V and VDDMIN=1.9V when the regulator is enabled (ENREG=1). and set to VREG=1.8V (REGEB=00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com