Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 14 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 14 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 10Page - Micro Analog systems MAS6503 Datasheet HTML 11Page - Micro Analog systems MAS6503 Datasheet HTML 12Page - Micro Analog systems MAS6503 Datasheet HTML 13Page - Micro Analog systems MAS6503 Datasheet HTML 14Page - Micro Analog systems MAS6503 Datasheet HTML 15Page - Micro Analog systems MAS6503 Datasheet HTML 16Page - Micro Analog systems MAS6503 Datasheet HTML 17Page - Micro Analog systems MAS6503 Datasheet HTML 18Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
DA6503.005
14 December 2016
14 (34)
Table 2. MAS6503 test register (E1/61HEX) description
Bit
Number
Bit Name
Description
Value
Function
7
-
Not used
X
-
6
TRIM
Selects source of
oscillator trimming bits
0
1
Osc trimming values from EEPROM
Osc trimming values from control registers
5
SEL_EXTCLK
Selects external clock
0
1
Internal clock (default)
External clock (OSC input)
can be connected to OSC and the internal
clock oscillator is disabled
4-2
STEST
TEST1 and TEST2
signal selection
000…100
101…111
Reserved for internal testing purpose
(TEST1 and TEST2 are outputs)
No function
1
ENDIV
Enable for extra
system clock divider
0
1
MCLK not divided (default)
MCLK divided by 2
Note: DIV bit of measurement control
register 1 choose extra MCLK division by 4
0
FOSC
Forces the oscillator
on without conversion
0
1
OSC is on only during conversion (default)
OSC is forced on
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com