Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6503 Datasheet(PDF) 13 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 13 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 9Page - Micro Analog systems MAS6503 Datasheet HTML 10Page - Micro Analog systems MAS6503 Datasheet HTML 11Page - Micro Analog systems MAS6503 Datasheet HTML 12Page - Micro Analog systems MAS6503 Datasheet HTML 13Page - Micro Analog systems MAS6503 Datasheet HTML 14Page - Micro Analog systems MAS6503 Datasheet HTML 15Page - Micro Analog systems MAS6503 Datasheet HTML 16Page - Micro Analog systems MAS6503 Datasheet HTML 17Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
DA6503.005
14 December 2016
13 (34)
PROGRAMMABLE I2C DEVICE ADDRESS (DE/5EHEX)
The
MAS6503
has
both
hard
wired
and
programmable
I2C
device
addresses.
The
programmable I2C device address is factory
programmed to value EA HEX (%11101010) which is
the same as the hard wired device address of
MAS6503. When unique device address is needed
it can be programmed to the Programmable I2C
Device Address register (DEHEX/5EHEX). However
note that the hard wired address cannot be
changed and that the MAS6503 will respond to both
hard wired and programmed I2C device addresses.
RESET REGISTER (E0/60HEX)
This register is used to reset all control registers
(addresses E1H…EBH) to a zero value. There are
no data bits in this register. However it is necessary
to write dummy data to this register to make a
reset.
The reset will take place immediately after any data
has been written to the address E0/60HEX via the
I2C or SPI interface.
TEST REGISTER (E1/61HEX)
The Test register is mainly for a testing purpose. In
normal operation the Test register default value is
00HEX and the internal clock oscillator frequency
500 kHz. The system runs from system clock
frequency MCLK which is normally half from the
oscillator frequency i.e. 250 kHz. However Test
register ENDIV bit and Measurement control
register 1 (E2/62HEX) DIV bit can select additional
clock divisions of 2 and 4 respectively. See Internal
System Clock Frequency MCLK selections on
Electrical Characteristics page 5 as function of DIV
and ENDIV bit selections.
FOSC can be used to force the internal oscillator to
be on all the time. This is for internal oscillator
trimming purpose only. Normally (FOSC=0) the
internal oscillator is turned on only during the
measurements to save power and the OSC pin
output is at logic low. To get the internal 500 kHz
clock signal out from OSC pin it is necessary to set
FOSC=1.
ENDIV bit can be used to enable an extra system
clock divider. By default it is disabled (ENDIV=0).
The STEST bits are used for connecting different
internal signals to the TEST1 and TEST2 pins that
are necessary in the testing. In STEST=000…100
selections the TEST1 and TEST2 pins act as
outputs and in STEST=101 selection they act as
inputs.
SEL_EXTCLK bit selects between internal clock
oscillator (OSC pin as digital output) which is the
default setting and external clock signal (OSC pin
as digital input). Note that if SEL_EXTCLK=1 is
selected the internal oscillator is disabled and OSC
pin acts as digital input despite of FOSC selection.
Note also that the frequency division selections DIV
or ENDIV do not apply to OSC pin clock signals.
The internal 500 kHz clock signal from OSC pin and
the external clock signal applied to OSC pin are not
affected by the DIV and ENDIV selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com