Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 240 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 240 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 236Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 237Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 238Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 239Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 240Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 241Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 242Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 243Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 244Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 662 page
background image
Block Diagram
5685X Digital Signal Controller User Manual, Rev. 4
10-4
Freescale Semiconductor
10.3 Block Diagram
Figure 10-1. SCI Block Diagram
10.4 External Pin Descriptions
10.4.1 Transmit Data (TXD) Pin
The Transmit Data (TXD) pin is the SCI transmitter pin. TXD is available for general- purpose
I/O when it is not configured for transmitter operation, such as TE = 0.
10.4.2 Receiver Data (RXD) Pin
The Receiver Data (RXD) pin is the SCI receiver pin. RXD is available for general- purpose I/O
when it is not configured for receiver operation, such as RE = 0.
Data in Table 10-1 are external I/O signals for the chip interface.
Table 10-1. External I/O Signals
Signal Name
I/O Type
Description
Reset State
TXD
Output
Transmit Data Pin
1
RXD
Input
Receiver Data Pin
—
SCI Data
Receive
Shift Register
SCI Data
Register
Transmit
Shift Register
Register
Baud Rate
Generator
SBR12–SBR0
RXD
TXD
Module
Transmit
Control
÷16
Receive
and Wake up
Data Format
Control
Control
PF
FE
NF
OR
RERR
RDRF
TIIE
TIDLE
RIDLE
RAF
LOOP
RWU
RE
PE
POL
PT
WAKE
M
Clock
RERR
REIE
TIDLE
INTERRUPT
INTERRUPT
Pin
RSRC
SBK
LOOP
TE
RSRC
REQUEST
REQUEST
RIIE
RIDLE
INTERRUPT
REQUEST
TEIE
TDRE
TDRE
INTERRUPT
REQUEST
TDE
REQUEST
TDMA
RDMA
RFIE
REQUEST
RDRF/OR
INTERRUPT
REQUEST
RDME
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com