Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 241 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 241 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 237Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 238Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 239Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 240Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 241Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 242Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 243Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 244Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 245Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 662 page
background image
Module Memory Maps
Serial Communications Interface (SCI), Rev. 4
Freescale Semiconductor
10-5
10.5 Module Memory Maps
The five accessible registers on the SCI0 are listed in Table 10-2 while the five accessible registers
on the SCI1 are listed in Table 10-3.
Table 10-2. SCI0 Module Memory Map (SCI0_BASE = $1FFFE0)
Address Offset
Register Acronym
Register Name
Access Type
Chapter Location
Base + $0
SCI_0_BR
SCI Baud Rate Register
Read/Write
Section 10.9.1
Base + $1
SCI_0_CR
SCI Control Register
Read/Write
Section 10.9.2
Base + $2
SCI_0_CR2
SCI Control Register 2
Read/Write
Section 10.9.3
Base + $3
SCI_0_SR
SCI Status Register
Read Only
Section 10.9.4
Base + $4
SCI_0_DR
SCI Data Register
Read/Write
Section 10.9.5
Table 10-3. SCI1 Module Memory Map (SCI1_BASE = $1FFDF8)
Address Offset
Register Acronym
Register Name
Access Type
Chapter Location
Base + $0
SCI_1_BR
SCI Baud Rate Register
Read/Write
Section 10.9.1
Base + $1
SCI_1_CR
SCI Control Register
Read/Write
Section 10.9.2
Base + $2
SCI_1_CR2
SCI Control Register 2
Read/Write
Section 10.9.3
Base + $3
SCI_1_SR
SCI Status Register
Read Only
Section 10.9.4
Base + $4
SCI_1_DR
SCI Data Register
Read/Write
Section 10.9.5
Add.
Offset
Register Name
15
14
13
12
11
10
9876543
21
0
$0
SCIBR
R
0
0
0
SBR
W
$1
SCICR
R
LOOP SWAI RSRC
M
WAKE
POL
PE
PT
TEIE
TIIE
RFIE REIE
TE
RE
RWU SBK
W
$2
SCICR2
R
0
0
0
0
0
0
0
0
0
0
0
0
0
RIIE
TDE
RDE
W
$3
SCISR
R TDRE TIDLE RDRF RIDLE
OR
NF
FE
PF
0
0
0
0
0
0
0
RAF
W
$4
SCIDR
R
0
0
0
0
0
0
0
RECEIVE DATA
W
TRANSMIT DATA
R
0
Read as 0
W
Reserved
Figure 10-2. SCI Register Map Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com