Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 242 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 242 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 238Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 239Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 240Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 241Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 242Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 243Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 244Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 245Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 246Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 662 page
background image
Functional Description
5685X Digital Signal Controller User Manual, Rev. 4
10-6
Freescale Semiconductor
10.6 Functional Description
Figure 10-1 explains the structure of the SCI module. The SCI allows full duplex, asynchronous,
NRZ serial communication between the DSC and remote devices, including other digital signal
controllers. The SCI transmitter and receiver operate independently, although they use the same
baud rate generator. The monitors the status of the SCI, writes the data to be transmitted, and
processes received data.
When initializing the SCI, be sure to set the proper peripheral enable bits in the GPIO registers as
well as any pull-up enables.
10.6.1 Data Frame Format
The SCI uses the standard Non-Return-to-Zero (NRZ) mark/space data frame format illustrated
in Figure 10-3.
Figure 10-3. SCI Data Frame Formats
Each data character is contained in a frame including a Start bit, eight or nine Data bits, and a
Stop bit. Clearing the M bit in the SCI Control Register (SCICR) configures the SCI for 8-bit data
characters. A frame with eight data bits has a total of 10 bits.
Setting the M bit configures the SCI for 9-bit data characters. A frame with nine data bits has a
total of 11 bits.
Table 10-4. Example 8-Bit Data Frame Formats
Start
Bit
Data
Bits
Address
Bit
Parity
Bit
Stop
Bit
18001
17011
17
11
1. The address bit identifies the frame as an address character.
Please see Section 10.6.4.8
01
Bit 5
Start
Bit
Bit 0
Bit 1
Next
Stop
Bit
Start
Bit
9-Bit Data Format
Bit 2
Bit 3
Bit 4
Bit 6
Bit 7
Parity
or Data
Bit
Parity
or Data
Bit
Bit M in SCICR Set
8-Bit Data Format
Bit M in SCICR Clear
Bit 5
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 6
Bit 7
Bit 8
Stop
Bit
Next
Start
Bit
Start
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com