Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 246 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 246 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 242Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 243Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 244Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 245Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 246Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 247Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 248Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 249Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 250Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 662 page
background image
Functional Description
5685X Digital Signal Controller User Manual, Rev. 4
10-10
Freescale Semiconductor
10.6.3.3 Break Characters
Writing a Logic 1 to the send break bit SBK in the SCI Control Register (SCICR) loads the
Transmit Shift Register with a break character. A break character contains all logic 0s and has no
start, stop, or parity bit. Break character length depends on the M bit in the SCI Control Register
(SCICR). As long as SBK is at Logic 1, transmitter logic continuously loads break characters into
the Transmit Shift register. After software clears the SBK bit, the Shift register finishes
transmitting the last break character and then transmits at least one Logic 1. The automatic Logic
1 at the end of the last break character guarantees the recognition of the Start bit of the next
frame.
The SCI recognizes a break character when a start bit is followed by eight or nine Logic 0 data
bits and a Logic 0 where the Stop bit should be. Receiving a break character has these effects on
SCI registers:
•
Sets the Framing Error (FE) flag
•
Sets the Receive Data Register Full (RDRF) flag
•
Clears the SCI Data Register (SCIDR)
•
May set the Overrun (OR) flag, Noise Flag (NF), Parity Error (PE) flag, or the Receiver
Active Flag (RAF). Please see the SCI Status Register in Section 10.9.4.
10.6.3.4 Preambles
A preamble contains all logic 1s and has no start, stop, or parity bit. A preamble length depends
on the M bit in the SCI Control Register (SCICR). The preamble is a synchronizing mechanism
initiating the first transmission begun after modifying the TE bit from 0 to 1.
If the TE bit is cleared during a transmission, the TXD pin becomes idle after completion of the
transmission in progress. Clearing and then setting the TE bit during a transmission queues a
preamble to be sent after the frame currently being transmitted.
Note:
Toggle the TE bit for a queued preamble when the TDRE flag becomes set and
immediately before writing the next character to the SCI Data Register.
When queueing a preamble, return the TE bit to Logic 1 before the stop bit of the
current frame shifts out to the TXD pin. Setting TE after the stop bit appears on TXD
causes data previously written to the SCI Data Register to be lost.
10.6.3.5 Receiver
Figure 10-5 explains the block diagram of the SCI receiver with detailed discussion of the
receiver function in the following paragraphs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com