Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 248 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 248 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 244Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 245Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 246Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 247Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 248Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 249Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 250Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 251Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 252Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 662 page
background image
Functional Description
5685X Digital Signal Controller User Manual, Rev. 4
10-12
Freescale Semiconductor
10.6.4.3 Data Sampling
The receiver samples the RXD pin at the RT clock rate. The RT clock is an internal signal with a
frequency 16 times the baud rate. To adjust for baud rate mismatch, the RT clock illustrated in
Figure 10-6 is resynchronized:
•
After every start bit
•
After the receiver detects a data bit change from Logic 1 to Logic 0 (after the majority of
data bit samples at RT8, RT9, and RT10 returns a valid Logic 1 and the majority of the next
RT8, RT9, and RT10 samples returns a valid Logic 0)
To locate the Start bit, data recovery logic does an asynchronous search for a Logic 0 preceded by
three logic 1s. When the falling edge of a possible Start bit occurs, the RT clock begins to count
to 16.
Figure 10-6. Receiver Data Sampling
To verify the Start bit and to detect noise, data recovery logic takes samples at RT3, RT5, and
RT7. Table 10-7 summarizes the results of the Start bit verification samples. If the Start bit
verification is not successful, the RT clock is reset and a new search for a Start bit begins.
Table 10-7. Start Bit Verification
RT8, RT9, and RT10
Samples
Data Bit
Determination
Noise
Flag
000
Yes
0
001
Yes
1
010
Yes
1
011
No
0
100
Yes
1
101
No
0
110
No
0
111
No
0
RESET RT CLOCK
SAMPLES
RT CLOCK
RT CLOCK COUNT
START BIT
RXD
START BIT
QUALIFICATION
START BIT
DATA
SAMPLING
11
1
1
1
1
11
0
0
0
0
0
00
LSB
VERIFICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com