Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 244 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 244 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 240Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 241Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 242Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 243Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 244Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 245Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 246Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 247Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 248Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 662 page
background image
Functional Description
5685X Digital Signal Controller User Manual, Rev. 4
10-8
Freescale Semiconductor
10.6.3 SCI Transmitter Block Diagram
Figure 10-4. SCI Transmitter Block Diagram
10.6.3.1 Character Length
The SCI transmitter can accommodate either 8- or 9-bit data characters. The state of the M bit in
the SCI Control Register (SCICR) determines the length of data characters.
10.6.3.2 Character Transmission
During an SCI transmission, the Transmit Shift Register shifts a frame out to the TXD pin. The
data is written through the SCI data register.
To initiate an SCI transmission:
1. Enable the transmitter by writing a Logic 1 to the Transmitter Enable (TE) bit in the SCI
Control Register (SCICR).
PE
PT
H
876543210L
11-Bit Transmit Shift Register
TIDLE
TIIE
TEIE
SBK
TDRE
Parity
Generation
SCI Data Register
Transmitter Control
M
INTERNAL BUS
SBR12–SBR0
Baud Divider
÷ 16
TXD
TIDLE INTERRUPT REQUEST
TDRE INTERRUPT REQUEST
Module
Loop
LOOP
RSRC
Clock
TE
To
Control
Receiver
POL
TDE
TDMA REQUEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com