Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 247 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 247 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 243Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 244Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 245Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 246Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 247Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 248Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 249Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 250Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 251Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 662 page
background image
Functional Description
Serial Communications Interface (SCI), Rev. 4
Freescale Semiconductor
10-11
10.6.4 SCI Receiver Block Diagram
Figure 10-5. SCI Receiver Block Diagram
10.6.4.1 Character Length
The SCI receiver can accommodate either 8- or 9-bit data characters. The state of the M bit in the
SCI Control Register (SCICR) determines the length of data characters.
10.6.4.2 Character Reception
During an SCI reception, the Receive Shift register shifts a frame in from the RXD pin. The data
is read from the SCI Data Register (SCIDR).
After a complete frame shifts into the Receive Shift register, the data portion of the frame
transfers to the SCI Data Register. The Receive Data Register Full (RDRF) flag in the SCI Status
Register (SCISR) becomes set, indicating the received character can be read. If the Receive Full
Interrupt Enable (RFIE) bit in the SCI Control Register (SCICR) is also set, the RDRF flag
generates an RDRF interrupt request. If RDE is set, the RDRF interrupt is suppressed and a
Receive DMA request is generated instead.
M
WAKE
PE
PT
RE
H
87
654
321
0L
11-Bit Receive Shift Register
Data
Wake Up
Parity
Checking
SCI Data Register
RFIE
REIE
RWU
RDRF
OR
NF
FE
PE
INTERNAL BUS
RXD
Module
RERR Interrupt Request
RDRF/OR Interrupt Request
SBR12–SBR0
Baud Divider
LOOP
LOOP
RSRC
From TXD Pin
or Transmitter
Clock
RERR
RAF
Recovery
CONTROL
Logic
POL
RDE
Receiver DMA Request
RIIE
RIDLE
RIDLE
Interrupt
Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com