Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 245 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 245 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 241Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 242Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 243Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 244Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 245Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 246Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 247Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 248Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 249Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 662 page
background image
Functional Description
Serial Communications Interface (SCI), Rev. 4
Freescale Semiconductor
10-9
2. Clear the Transmit Data Register Empty (TDRE) flag by first reading the SCI Status
Register (SCISR) and then writing output data to the SCI Data Register (SCIDR).
3. Repeat step 2 for each subsequent transmission.
Modifying the TE bit from 0 to a 1 automatically loads the Transmit Shift Register with a
preamble of 10 logic 1s (if M = 0) or 11 logic 1s (if M = 1). After the preamble shifts out, control
logic automatically transfers the data from the SCI Data Register into the Transmit Shift Register.
A Logic 0 start bit automatically goes into the least significant bit position of the Transmit Shift
Register. A Logic 1 Stop bit goes into the most significant bit position of the frame.
Hardware supports odd or even parity. When parity is enabled, the Most Significant Bit (MSB) of
the data character is replaced by the parity bit.
The Transmit Data Register Empty (TDRE) flag in the SCI Status Register (SCISR) becomes set
when the SCI Data Register transfers a character to the Transmit Shift Register. The TDRE flag
indicates when the SCI Data Register can accept new data from the internal data bus. If the
Transmitter Empty Interrupt Enable (TEIE) bit in the SCI Control Register (SCICR) is also set,
the TDRE flag generates a transmitter interrupt request. If TDE is enabled, the DMA request will
suppress the TDRE interrupt and a DMA request will be made instead.
When the Transmit Shift Register is not transmitting a frame and TE = 1, the TXD pin goes to the
idle condition, Logic 1. If, at any time, software clears the TE bit in the SCI Control Register
(SCICR), the transmitter relinquishes control of the port I/O pin upon completion of the current
transmission causing the TXD pin to go to a HighZ state.
If software clears TE while a transmission is in progress (TIDLE = 0), the frame in the Transmit
Shift Register continues to shift out. Then transmission stops even if there is data pending in the
SCI Data Register. To avoid accidentally cutting off the last frame in a message, always wait for
TDRE to go high after the last frame before clearing TE.
To separate messages with preambles with minimum idle line time, use this sequence between
messages:
1. Write the last character of the first message to the SCIDR.
2. Wait for the TDRE flag to go high, indicating the transfer of the last frame to the Transmit
Shift Register.
3. Queue a preamble by clearing and then setting the TE bit.
4. Write the first character of the second message to the SCIDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com