Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 282 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 282 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 278Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 279Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 280Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 281Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 282Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 283Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 286Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 662 page
background image
Transmission Formats
5685X Digital Signal Controller User Manual, Rev. 4
11-12
Freescale Semiconductor
connected between the master and the slave. The MISO signal is the output from the slave, and
the MOSI signal is the output from the master.
The SS line is the slave select input to the slave. The slave SPI drives its MISO output only when
its Slave Select input (SS) is at Logic 0 because only the selected slave drives to the master. The
SS pin of the master is not shown, but it is assumed to be inactive. While MODFEN = 1, the SS
pin of the master must be high or a Mode Fault Error will occur. If MODFEN = 0, the state of the
SS is ignored. When CPHA = 0, the first SCLK edge is the MSB capture strobe. Therefore, the
slave must begin driving its data before the first SCLK edge and a falling edge on the SS pin is
used to start the slave data transmission. The slave’s SS pin must be toggled back to high and
then low again between each full length data transmitted as depicted in Figure 11-7.
Note:
Figure 11-6 assumes 16-bit data lengths and the MSB shifted out first.
Figure 11-6. Transmission Format (CPHA = 0)
Figure 11-7. CPHA/SS Timing
When CPHA = 0 for a slave, the falling edge of SS indicates the beginning of the transmission.
This causes the SPI to leave its idle state and begin driving the MISO pin with the first bit of its
data. Once the transmission begins, no new data is allowed into the Shift register from the SPI
Data Transmit Register (SPDTR). Therefore, the SPDTR of the slave must be loaded with
Bit 14
Bit 13
Bit 3
Bit 2
Bit 1
LSB
MSB
Bit 14
Bit 13
Bit 3
Bit 2
Bit 1
LSB
MSB
1
2
3
13
14
15
16
SCLK CYCLE #
(for Reference)
SCLK (CPOL = 0)
SCLK (CPOL =1)
MOSI
(from Master)
MISO
(from Slave)
SS (to Slave)
CAPTURE STROBE
........
........
........
Data 1
Data 3
MISO/MOSI
Data 2
Master SS
Slave SS
(CPHA = 0)
Slave SS
(CPHA = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com