Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 283 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 283 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 279Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 280Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 281Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 282Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 283Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 286Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 287Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 662 page
background image
Transmission Formats
Serial Peripheral Interface (SPI), Rev. 4
Freescale Semiconductor
11-13
transmit data before the falling edge of SS. Any data written after the falling edge is stored in the
SPDTR and transferred to the Shift register after the current transmission.
When CPHA = 0 for a master, normal operation would begin by the master initializing the SS pin
of the slave high. A transfer would then begin by the master setting the SS pin of the slave low and
then writing the SPDTR. After completion of a data transfer, the SS pin would be put back into
the high state by the master device.
11.7.5 Transmission Format When CPHA = 1
A SPI transmission is shown in Figure 11-8 where CPHA is Logic1. The figure should not be
used as a replacement for data sheet parametric information. Two waveforms are shown for
SCLK: 1 for CPOL = 0 and another for CPOL = 1. The diagram may be interpreted as a master or
slave timing diagram since the serial clock (SCLK), Master In/Slave Out (MISO), and Master
Out/Slave In (MOSI) pins are directly connected between the master and the slave. The MISO
signal is the output from the slave, and the MOSI signal is the output from the master. The SS
line is the Slave Select input to the slave. The slave SPI drives its MISO output only when its
Slave Select input (SS) is at Logic 0, so only the selected slave drives to the master. The SS pin of
the master is not shown but is assumed to be inactive. The SS pin of the master must be high or a
Mode Fault Error occurs. When CPHA = 1, the master begins driving its MOSI pin on the first
SCLK edge. Therefore, the slave uses the first SCLK edge as a start transmission signal. The SS
pin can remain low between transmissions. This format may be preferable in systems having only
one master and slave driving the MISO data line.
Note:
Figure 11-8 assumes 16-bit data lengths and the MSB shifted out first.
Figure 11-8. Transmission Format (CPHA = 1)
Bit 14
Bit 13
Bit 3
Bit 2
Bit 1
LSB
MSB
Bit 14
Bit 13
Bit 3
Bit 2
Bit 1
LSB
MSB
1
2
3
13
14
15
16
SCLK CYCLE #
(for Reference)
SCLK (CPOL = 0)
SCLK (CPOL =1)
MOSI
(from Master)
MISO
(from Slave)
SS (to Slave)
CAPTURE STROBE
........
........
........



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com