Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 285 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 285 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 281Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 282Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 283Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 286Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 287Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 288Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 289Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 662 page
background image
Transmission Data
Serial Peripheral Interface (SPI), Rev. 4
Freescale Semiconductor
11-15
Figure 11-9. Transmission Start Delay (Master)
11.8 Transmission Data
The double-buffered Data Transmit Register (SPDTR) allows data to be queued and transmitted.
For a SPI configured as a master, the queued data is transmitted immediately after the previous
transmission has completed. The SPI Transmitter Empty (SPTE) flag indicates when the transmit
data buffer is ready to accept new data. Write to the SPDTR only when the SPTE bit is high.
Figure 11-10 illustrates the timing associated with doing back-to-back transmissions with the
SPI (SCLK has CPHA: CPOL = 1:0).
Note:
Figure 11-10 assumes 16-bit data lengths and the MSB shifted out first.
SPDTR
Initiation Delay
BUS
MOSI
SCLK
(CPHA = 1)
SCLK
(CPHA = 0)
SCLK CYCLE
NUMBER
MSB
Bit 15
12
CLOCK
Write
to SPDTR
EARLIEST LATEST
(SCLK = INTERNAL CLOCK
÷ 2;
EARLIEST
LATEST
2 Possible START Points)
(SCLK = INTERNAL CLOCK
÷ 8;
8 Possible START Points)
EARLIEST
LATEST
(SCLK = INTERNAL CLOCK
÷ 16;
16 Possible START Points)
EARLIEST
LATEST
(SCLK = INTERNAL CLOCK
÷ 32;
32 Possible START Points)
Write
to SPDTR
Write
to SPDTR
Write
to SPDTR
BUS
CLOCK
Bit 14
3
BUS
CLOCK
BUS
CLOCK
BUS
CLOCK
Initiation Delayfrom Write SPDTR to Transfer Begin
to
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com