Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 286 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 286 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 282Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 283Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 286Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 287Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 288Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 289Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 290Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 662 page
background image
Transmission Data
5685X Digital Signal Controller User Manual, Rev. 4
11-16
Freescale Semiconductor
Figure 11-10. SPRF/SPTE Interrupt Timing
The transmit data buffer permits back-to-back transmissions without the slave precisely timing its
writes between transmissions as is necessary in a system with a single data buffer. Also, if no
new data is written to the data buffer, the last value contained in the Shift register is the next data
to be transmitted.
An idle master or idle slave without loaded data in its transmit buffer, sets the SPTE again no
more than two bus cycles after the transmit buffer empties into the Shift register. This allows a
queue to send up to a 32-bit value. For an already active slave, the load of the Shift register
Bit
3
MOSI
SCLK (CPHA:CPOL = 1:0)
SPTE
WRITE TO SPDTR
1
2
3
5
SPRF
READ SPSCR
MSB Bit
14
Bit
13
Bit
...
Bit
2
Bit
1
LSB MSB Bit
14
Bit
13
Bit
...
Bit
3
Bit
2
Bit
1
LSB
MSB Bit
14
8
10
4
6
9
11
Bit
13
Bit
...
DATA1
DATA2
DATA3
7
12
READ SPDRR
DSC WRITES DATA 1 TO SPDTR, CLEARING
THE SPTE BIT.
DATA 1TRANSFERS FROM TRANSMIT DATA
REGISTER TO SHIFT REGISTER, SETTING
SPTE BIT.
DSC WRITES DATA 2 TO SPDTR, QUEUEING
DATA 2 AND CLEARING SPTE BIT.
FIRST INCOMING WORD TRANSFERS FROM
THE SHIFT REGISTER TO THE RECEIVE DATA
REGISTER, SETTING THE SPRF BIT.
DATA 2 TRANSFERS FROM THE TRANSMIT
DATA REGISTER TO SHIFT REGISTER,
SETTING THE SPTE BIT.
DSC READS SPSCR WITH THE SPRF BIT SET.
DSC READS SPDRR, CLEARING SPRF BIT.
DSC WRITES DATA 3 TO SPDTR, QUEUEING
DATA 3 AND CLEARING THE SPTE BIT.
SECOND INCOMING DATA TRANSFERS FROM
SHIFT REGISTER TO RECEIVE DATA REGISTER
SETTING THE SPRF BIT.
DATA 3 TRANSFERSF ROM THE TRANSMIT DATA
REGISTER TO THE SHIFT REGISTER, SETTING
THE SPTE BIT.
DSC READS SPSCR WITH THE SPRF BIT.
DSC READS SPDRR, CLEARING THE SPRF BIT.
1
2
12
11
10
3
4
5
6
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com