Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 290 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 290 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 286Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 287Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 288Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 289Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 290Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 291Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 292Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 293Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 294Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 662 page
background image
Error Conditions
5685X Digital Signal Controller User Manual, Rev. 4
11-20
Freescale Semiconductor
In a Master SPI with the Mode Fault Enable (MODFEN) bit set, the Mode Fault (MODF) flag is
set if SS goes to Logic 0. A Mode Fault in a Master SPI causes the following events to occur:
•
If ERRIE = 1, the SPI generates a SPI receiver/error interrupt request
•
The SPE bit is cleared (SPI disabled)
•
The SPTE bit is set
•
The SPI state counter is cleared
When configured as a slave (SPMSTR = 0), the MODF flag is set if the SS goes high during a
transmission. When CPHA = 0, a transmission begins when SS goes low and ends once the
incoming SCLK goes back to its idle level, following the shift of the last data bit. When CPHA =
1, the transmission begins when the SCLK leaves its idle level and SS is already low. The
transmission continues until the SCLK returns to its idle level following the shift of the last data
bit.
Note:
Setting the MODF flag does not clear the SPMSTR bit. The SPMSTR bit has no
function when SPE = 0. Reading SPMSTR when MODF = 1 shows the difference
between a MODF occurring when the SPI is a master and when it is a slave.
When CPHA = 0, a MODF occurs if a slave is selected (SS is at Logic 0) and later
unselected (SS is at Logic 1) even if no SCLK is sent to that slave. This happens
because SS at Logic 0 indicates the start of the transmission (MISO driven out with
the value of MSB) for CPHA = 0. When CPHA = 1, a slave can be selected and then
later unselected with no transmission occurring. Therefore, MODF does not occur
since a transmission was never begun.
In a Slave SPI (MSTR = 0), the MODF bit generates a SPI Receiver/Error Interrupt request if the
ERRIE bit is set. The MODF bit does not clear the SPE bit or reset the SPI in any way. Software
can abort the SPI transmission by clearing the SPE bit of the slave.
Note:
A logic one voltage on the SS pin of a slave SPI puts the MISO pin in a high
impedance state. Also, the slave SPI ignores all incoming SCLK clocks, even if it was
already in the middle of a transmission.
In a master SPI, the MODF flag will not be cleared until the SS pin is at a Logic 1 or the SPI is
configured as a slave.
In a slave SPI, if the MODF flag is not cleared by writing 1 to the MODF bit, the condition causing
the Mode Fault still exists. The MODF flag and corresponding interrupt can be cleared by
disabling the EERIE or MODFEN bits (if set) or by disabling the SPI. It is possible to clear the
MODF error condition by disabling the SPE or MODFEN bits. Disabling the SPI using the SPE
bit will cause a partial reset of the SPI and may cause the loss of a message currently being
received or transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com