Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 291 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 291 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 287Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 288Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 289Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 290Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 291Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 292Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 293Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 294Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 295Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 662 page
background image
Module Memory Map
Serial Peripheral Interface (SPI), Rev. 4
Freescale Semiconductor
11-21
To clear the MODF flag, write 1 to the MODF bit in the SPSCR. The clearing mechanism must
occur with no MODF condition existing or else the flag is not cleared.
11.10 Module Memory Map
Four registers (Table 11-3) control and monitor SPI operations. Two of the four registers are
read/write registers. They should be accessed only with word accesses. Accesses other than word
lengths result in undefined results. Two registers are read- and write-only.
Table 11-3. SPI Module Memory Map (SPI_BASE = $1FFFE8)
Address Offset
Register Acronym
Register Name
Access Type
Chapter Location
Base + $0
SPSCR
SPI Status and Control Register
Read/Write
Section 11.11.1
Base + $1
SPDSCR
SPI Data Size and Control Reg.
Read/Write
Section 11.11.2
Base + $2
SPDRR
SPI Data Receive Register
Read-Only
Section 11.11.3
Base + $3
SPDTR
SPI Data Transmit Register
Write-Only
Section 11.11.4
Note: SPI registers are not available on the 56855 chip
Add.
Offset
Register Name
15
14
13
12
11
10
98765
4321
0
$0
SCSCR
R
SPR
DSO ERRIE
MODF
EN
SPRIE
SPMS
TR
CPOL CPHA SPE SPTIE
SPRF OVRF MODF SPTE
W
$1
SPDSCR
R
WOM
TDMA
EN
RDMA
EN
0
0
0
0
0
0
0
0
0
TDS
W
$2
SPDRR
R
R15
R14
R13
R12
R11
R10
R9R8R7R6R5R4R3
R2R1R0
W
$3
SPDTR
R
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
W
T15
T14
T13
T12
T11
T10
T9T8
T7
T6
T5
T4T3T2T1
T0
R
0
Read as 0
W
Reserved
Figure 11-13. SPI Register Map Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com