Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 295 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 295 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 291Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 292Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 293Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 294Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 295Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 296Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 297Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 298Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 299Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 662 page
background image
SPI Register Descriptions (SPI_BASE = $1FFFE8)
Serial Peripheral Interface (SPI), Rev. 4
Freescale Semiconductor
11-25
11.11.1.10 SPI Transmit Interrupt Enable (SPTIE)—Bit 4
This read/write bit enables interrupt requests generated by the SPTE bit. SPTE is set when a full
data length transfers from the SPI Data Transmit Register (SPDTR) to the Shift register. The SPI
Transmitter Interrupt Enable (SPTIE) bit enables the SPTE flag to generate transmitter interrupt
requests, provided the SPI is enabled (SPE = 1). The clearing mechanism for the SPTE flag is
always just a write to the SPDTR.
•
0 = SPTE interrupt requests disabled
•
1= SPTE interrupt requests enabled
11.11.1.11 SPI Receiver Full (SPRF)—Bit 3
This read-only flag is set each time full length data transfers from the Shift register to the SPI
Data Receive Register (SPDRR). SPRF generates an interrupt request if the SPRIE bit in the SPI
Status and Control Register (SPSCR) is set also. This bit may not be cleared.
•
0 = Data Receive register not full
•
1 = Data Receive register full
11.11.1.12 Overflow (OVRF)—Bit 2
This read-only flag is set if software does not read the data in the SPI Data Receive Register
(SPDRR) before the next full data enters the Shift register. In an overflow condition, the data
already in the SPDRR is unaffected, and the data shifted in last is lost. Clear the OVRF bit by
reading the SPI Status and Control Register (SPDSCR) with OVRF set and then reading the
SPDRR. This bit may be cleared using the proper software sequence.
•
0 = No overflow
•
1 = Overflow
11.11.1.13 Mode Fault (MODF)—Bit 1
This read-only flag is set in a slave SPI if the SS pin goes high during a transmission with the
MODFEN bit set. In a master SPI, the MODF flag is set if the SS pin goes low at any time with
the MODFEN bit set. Clear the MODF bit by writing one to the MODF bit when it is set. The
delayed bit results in only the OVRF interrupt being enabled by the ERRIE bit. This enabling
generates Receiver/Error Interrupt requests.
•0 = SS pin at appropriate logic level
•1 = SS pin at inappropriate logic level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com