Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 294 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 294 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 290Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 291Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 292Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 293Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 294Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 295Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 296Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 297Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 298Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 662 page
background image
SPI Register Descriptions (SPI_BASE = $1FFFE8)
5685X Digital Signal Controller User Manual, Rev. 4
11-24
Freescale Semiconductor
The Mode Fault Enable (MODFEN) bit can retard the MODF flag from being set. The retarded
bit results in only the OVRF bit being enabled by the ERRIE bit. This enabling generates
Receiver/Error Interrupt requests.
11.11.1.5 SPI Receiver Interrupt Enable (SPRIE)—Bit 9
This read/write bit enables interrupt requests generated by the SPRF bit. The SPRF bit is set
when a full data length transfers from the Shift register to the SPI Data Receive Register (). The
SPI Receiver Interrupt Enable (SPRIE) bit enables the SPRF bit to generate receiver interrupt
requests regardless of the state of the SPE bit. The clearing mechanism for the SPRF flag is
always just a read to the SPDRR.
•
0 = SPRF interrupt requests disabled
•
1 = SPRF interrupt requests enabled
11.11.1.6 SPI Master (SPMSTR)—Bit 8
This read/write bit selects master mode operation or slave mode operation.
•
0 = Slave mode
•
1 = Master mode (default)
11.11.1.7 Clock Polarity (CPOL)—Bit 7
This read/write bit determines the logic state of the SCLK pin between transmissions. To transmit
data between SPI modules, the SPI modules must have identical CPOL values.
•
0 = Falling edge of SCLK starts transmission
•
1 = Rising edge of SCLK starts transmission
11.11.1.8 Clock Phase (CPHA)—Bit 6
This read/write bit controls the timing relationship between the serial clock and SPI data. To
transmit data between SPI modules, the SPI modules must have identical CPHA
values. When CPHA = 0, the SS pin of the slave SPI module must be set to Logic 1 between full
length data transmissions. Do not use CPHA = 0 while in the DMA mode.
11.11.1.9 SPI Enable (SPE)—Bit 5
This read/write bit enables the SPI module. Clearing SPE causes a partial reset of the SPI. When
setting/clearing this bit, no other bits in the SPSCR should be changed. Failure to following this
statement may result in spurious clocks.
•
0 = SPI module disabled
•
1 = SPI module enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com