Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 292 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 292 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 288Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 289Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 290Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 291Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 292Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 293Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 294Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 295Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 296Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 662 page
background image
SPI Register Descriptions (SPI_BASE = $1FFFE8)
5685X Digital Signal Controller User Manual, Rev. 4
11-22
Freescale Semiconductor
11.11 SPI Register Descriptions (SPI_BASE = $1FFFE8)
Table 11-3 lists the SPI registers in ascending address, including the acronym, bit names, and
address of each register. These read/write registers should be accessed only with word accesses.
Accesses other than word lengths result in undefined results.
11.11.1 SPI Status and Control Register (SPSCR)
The SPSCR register:
•
Enables SPI module interrupt requests
•
Selects interrupt requests
•
Configures the SPI module as Master or Slave
•
Selects serial clock polarity and phase
•
Enables the SPI module Receive Data register full interrupt
•
Enables Transmits Data register empty interrupt
•
Selects Master SPI baud rate
Figure 11-14. SPI Status and Control Register (SPSCR)
See Programmer’s Sheets on Appendix page B-64
Note:
Using BFCLR or BFSET instructions to modify SPSCR can cause unintended side
effects on the status bits.
11.11.1.1 SPI Baud Rate Select Bits (SPR)—Bits 15–13
While in the Master mode, these read/write bits select one of eight baud rates depicted in Table
11-4. SPR2:0 have no effect in Slave mode. Reset clears SPR2:0 to b011. Use the formula below
to calculate the SPI baud rate.
SPR1 and SPR0 have no effect in Slave mode. Reset clears SPR1 and SPR0. Use the formula
below to calculate the SPI baud rate.
CLK = Peripheral Bus Clock BD = Baud Rate Divisor
Base + $0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
SPR
DSO ERRIE MODFEN SPRIE SPMSTR CPOL CPHA SPE SPTIE
SPRF OVRF MODF SPTE
Write
Reset
0
1
1
0
0
0
0
1
0
1
0
00
000
Baud Rate =
CLK
BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com