Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 296 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 296 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 292Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 293Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 294Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 295Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 296Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 297Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 298Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 299Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 300Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 662 page
background image
SPI Register Descriptions (SPI_BASE = $1FFFE8)
5685X Digital Signal Controller User Manual, Rev. 4
11-26
Freescale Semiconductor
11.11.1.14 SPI Transmitter Empty (SPTE)—Bit 0
This read-only flag is set each time the SP Data Transmit Register (SPDTR) transfers a full data
length into the Shift register. SPTE generates an interrupt request if the SPTIE bit in the SPI Sta-
tus and Control Register (SPSCR) is set also. This bit may be cleared using the proper software
sequence.
•
0 = Data Transmit register not empty
•
1 = Data Transmit register empty
Note:
Do not write to the SPI Data Register unless the SPTE bit is high.
11.11.2 SPI Data Size and Control Register (SPDSCR)
This read/write register determines the data length for each transmission. The master and slave
must transfer the same size data on each transmission. A new value will only take effect at the
time the SPI is enabled (SPE bit in SPSCR register set from zero to one). In order to have a new
value take effect, disable then re-enable the SPI with the new value in the register. The SPDSCR:
•
Enables SPI DMA mode for the Transmitter and Receiver
•
Enables Wired OR mode on MISO and MOSI
•
Configures the size of the transmission
Figure 11-15. SPI Data Size and Control Register (SPDSCR)
See Programmer’s Sheets on Appendix page B-65
11.11.2.1 Wired OR Mode (WOM)—Bit 15
This control bit is used to select the nature of the SPI pins. When enabled, the WOM bit is set, the
SPI pins are configured as open-drain drivers with the pull-ups disabled. However, when
disabled, the WOM bit is cleared, and the SPI pins are configured as push-pull drivers.
•
0 = Wired OR mode disabled
•
1 = Wired OR mode enabled
11.11.2.2 Transmitter DMA Enable (TDMAEN)—Bit 14
In the DMA mode, normal interrupts (not error) are suppressed and a DMA Request is generated
instead. The requirement for clearing SPRF/SPTE changes to read/write the SPDRR/SPDTR,
thereby eliminating the read of SPSCR.
Base +$1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
WOM TDMAEN RDMAEN
0
0
0
0
0
0
0
0
0
TDS
Write
Reset
0
0
0
000000000
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com