Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 379 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 379 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 375Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 376Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 377Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 378Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 379Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 380Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 381Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 382Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 383Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 662 page
background image
Register Descriptions (TMR_BASE = $1FFE80)
Quad Timer (TMR), Rev. 4
Freescale Semiconductor
13-13
13.9.1.5 Count Length (LENGTH)—Bit 5
This bit determines whether the counter counts to the compare value and then reinitializes itself,
or the counter continues counting past the compare value (binary roll-over).
•
0 = Roll-over
•
1 = Count till compare, then reinstalled. If counting up, successful compare occurs when
counter reaches CMP1 value. If counting down, successful compare occurs when counter
reaches CMP2 value.
1
13.9.1.6 Count Direction (DIR)—Bit 4
This bit selects either the normal count-up direction, or the reverse down direction.
•
0 = Count Up
•
1 = Count Down
13.9.1.7 External Initialization (EXT INIT)—Bit 3
This bit enables another counter/timer within the same module to force the re-initialization of this
counter/timer when the other counter has an active compare event.
•
0 = External counter/timers can not force a re-initialization of this counter/timer.
•
1 = External counter/timers may force a re-initialization of this counter/timer.
13.9.1.8 Output Mode (OM)—Bits 2–0
These bits determine the mode of operation for the OFLAG output signal.
•
000 = Asserted while counter is active
•
001 = Clear OFLAG output on successful compare
•
010 = Set OFLAG output on successful compare
•
011 = Toggle OFLAG output on successful compare
•
100 = Toggle OFLAG output using alternating compare registers
•
101 = Set on compare, cleared on secondary source input edge
•
110 = Set on compare, cleared on counter rollover
•
111 = Enable Gated Clock output while counter is active2
Note:
Unexpected results may occur if the Output mode field is set to use alternating
Compare registers (mode 100) and the Count Once bit is set.
1. When the Output mode 0
×4 is used, alternating values of CMP1 and CMP2 are used to generate successful compares.
For example, when the Output mode is 0
×4, the counter counts until CMP1 value is reached, reinitializes, then counts
until CMP2 value is reached, reinitializes, then counts until CMP1 value is reached, and so on.
2. Primary count source must be set to one of the counter outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com