Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 375 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 375 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 371Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 372Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 373Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 374Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 375Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 376Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 377Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 378Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 379Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 662 page
background image
Counting Modes Definitions
Quad Timer (TMR), Rev. 4
Freescale Semiconductor
13-9
and the input clock frequency. This method of PWM generation has the advantage of allowing
almost any desired PWM frequency and/or constant on or off periods. This mode of operation is
often used to drive PWM amplifiers used to power motors and inverters.
13.7.13 Compare Registers Use
The dual Compare registers (TMR_CMP1 and TMR_CMP2) provide a bidirectional modulo
count capability. The CMP1 Register is used when the counter is counting up, and the CMP2
Register is used when the counter is counting down. The only exception is when the counter is
operating with alternating compare registers. The CMP1 Register should be set to the desired
maximum count value or $FFFF to indicate the maximum unsigned value prior to roll-over, and
the CMP2 Register should be set to the maximum negative count value or $0000 indicating the
maximum unsigned value prior to roll-under.
If the Output mode is set to 100, the OFLAG will toggle while using alternating Compare
registers. In this Variable Frequency PWM mode, the CMP2 value defines the desired pulse
width of the on-time, and the CMP1 Register defines the off-time. The Variable Frequency PWM
mode is defined for positive counting only.
One must be careful when changing CMP1 and CMP2 while the counter is active. If the counter
has already passed the new value, it will count to $FFFF or $0000, roll over/under, and then
begin counting toward the new value. (The check is for Count = Cmpx, not Count> = Cmp1 or
Count < = Cmp2).
13.7.14 Capture Register Use
The Capture Register stores a copy of the counter’s value when an input edge (positive, negative,
or both) is detected. Once a capture event occurs, no further updating of the Capture Register will
occur until the Input Edge Flag (IEF) is cleared by writing 0 to the IEF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com